Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2046EIZQCR Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TSC2046EIZQCR
Description  Low Voltage I/O TOUCH SCREEN CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2046EIZQCR Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button TSC2046EIZQCR Datasheet HTML 2Page - Burr-Brown (TI) TSC2046EIZQCR Datasheet HTML 3Page - Burr-Brown (TI) TSC2046EIZQCR Datasheet HTML 4Page - Burr-Brown (TI) TSC2046EIZQCR Datasheet HTML 5Page - Burr-Brown (TI) TSC2046EIZQCR Datasheet HTML 6Page - Burr-Brown (TI) TSC2046EIZQCR Datasheet HTML 7Page - Burr-Brown (TI) TSC2046EIZQCR Datasheet HTML 8Page - Burr-Brown (TI) TSC2046EIZQCR Datasheet HTML 9Page - Burr-Brown (TI) TSC2046EIZQCR Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TSC2046E
SBAS417 − JUNE 2007
www.ti.com
6
TYPICAL CHARACTERISTICS
At TA = +25°C, +VCC = +2.7V, IOVDD = +1.8V, VREF = External +2.5V, 12-bit mode, PD0 = 0, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz,
unless otherwise noted.
+VCC SUPPLY CURRENT vs TEMPERATURE
−40
−20
0
204060
80
100
400
350
300
250
200
150
100
Temperature (
°C)
IOVDD SUPPLY CURRENT vs TEMPERATURE
−40
−20
0
20
40
60
80
100
30
25
20
15
10
5
Temperature (
°C)
POWER−DOWN SUPPLY CURRENT vs TEMPERATURE
−40
−20
0
20
40
60
80
100
140
120
100
80
60
40
Temperature (
°C)
+V
CC SUPPLY CURRENT vs +VCC
2.02.5
3.03.5
4.04.5
5.0
+V
CC (V)
450
400
350
300
250
200
150
100
f
SAMPLE = 125kHz
f
SAMPLE = 12.5kHz
IOVDD SUPPLY CURRENT vs IOVDD
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
IOVDD (V)
60
50
40
30
20
10
0
+V
CC ≥ IOVDD
f
SAMPLE = 125kHz
f
SAMPLE = 12.5kHz
MAXIMUM SAMPLE RATE vs +V
CC
2.0
5.0
2.5
3.0
3.5
4.0
4.5
+V
CC (V)
1M
100k
10k
1k


Similar Part No. - TSC2046EIZQCR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2046EIZQCR BURR-BROWN-TSC2046EIZQCR Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2046EIZQCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com