Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3616 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA3616
Description  Multiple voltage regulator with battery detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3616 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3616 Datasheet HTML 1Page - NXP Semiconductors TDA3616 Datasheet HTML 2Page - NXP Semiconductors TDA3616 Datasheet HTML 3Page - NXP Semiconductors TDA3616 Datasheet HTML 4Page - NXP Semiconductors TDA3616 Datasheet HTML 5Page - NXP Semiconductors TDA3616 Datasheet HTML 6Page - NXP Semiconductors TDA3616 Datasheet HTML 7Page - NXP Semiconductors TDA3616 Datasheet HTML 8Page - NXP Semiconductors TDA3616 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2000 Jan 14
4
Philips Semiconductors
Objective specification
Multiple voltage regulator with battery
detection
TDA3616
PINNING
Note
1. The i.c. pins are connected to each other by the leadframe and can be kept floating or can be connected to ground.
SYMBOL
PIN
DESCRIPTION
SOT163-1
SOT110-1
i.c.
1, 10, 11, and 20
interconnected; heat spreader; note 1
n.c.
2, 3, 8, 9, 12, 13
and 19
not connected; heat spreader
VI(bat)
4
6
battery input voltage
VO(bat)
5
7
battery detection output voltage
VC
6
8
reset delay capacitor
GND
7
9
ground (0 V)
RES2
14
1
reset 2 output
RES1
15
2
reset 1 output
REG
16
3
regulator output
VP
17
4
supply voltage
BU
18
5
backup
Fig.2 Pin configuration (SOT163-1).
The i.c. and n.c. pins can be connected to a heat spreader.
handbook, halfpage
i.c.
n.c.
n.c.
n.c.
n.c.
i.c.
i.c.
n.c.
BU
VP
RES1
RES2
REG
n.c.
n.c.
i.c.
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
TDA3616T
MGR093
VI(bat)
VO(bat)
VC
GND
handbook, halfpage
TDA3616SF
MGL930
1
2
3
4
5
6
7
8
9
RES2
RES1
REG
VP
BU
VI(bat)
VO(bat)
VC
GND
Fig.3 Pin configuration (SOT110-1).


Similar Part No. - TDA3616

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3617J PHILIPS-TDA3617J Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3618 PHILIPS-TDA3618 Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618 PHILIPS-TDA3618 Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
More results

Similar Description - TDA3616

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3606 PHILIPS-TDA3606 Datasheet
95Kb / 16P
   Multiple voltage regulator with battery detection
1998 Jun 16
TDA3606A PHILIPS-TDA3606A Datasheet
98Kb / 16P
   Multiple voltage regulator with battery detection
1998 May 07
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
logo
Sanyo Semicon Device
LA5619M SANYO-LA5619M Datasheet
165Kb / 8P
   Lead Battery Charger IC with Battery Voltage Detection Function
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3682 PHILIPS-TDA3682 Datasheet
95Kb / 20P
   Multiple voltage regulator with power switches
2002 Mar 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com