Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5024 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # X5024
Description  Nominal 5 x 2.4 mm blanks for 5x7mm ceramic SMD High Frequency Oscillators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X5024 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  X5024 Datasheet HTML 1Page - List of Unclassifed Manufacturers X5024 Datasheet HTML 2Page - List of Unclassifed Manufacturers X5024 Datasheet HTML 3Page - List of Unclassifed Manufacturers X5024 Datasheet HTML 4Page - List of Unclassifed Manufacturers X5024 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
9101 W. Sahara Ave. Suite 105-E10
Phone: (702) 597-2495, Fax: (702) 940-8405
E-mail: sales@vcamerica.com sales@xeco.net
X5024 series
Nominal 5 x 2.4 mm blanks for
5x7mm ceramic SMD High Frequency Oscillators
XECO's X5024 crystal blank series offer high performance inverted mesa crystals at lower cost
via an economical process achieving a frequency tolerance of 0.12f^2. The X5024 is intended for
standard 5x7mm ceramic SMD package. Crystals are 100% tested and sorted by frequency and
then sequentially packed into a waffle packs. Available to 170MHz on the fundamental and
240MHz for third overtone operation.
XECO proprietary processes yield a clean mesa and transition area to achieve good plating over
the transitions and high crystal performance. The X5024 is a lower cost version of the RM196,
which is supplied to a standard frequency tolerance of 0.02f^2.
A frequency report included with the shipment allows crystals to be selected by columns and rows
to use for a plating group. Plating calibration setup accuracy is improved as the frequency of the
crystals used is known, not just part of a sort group range.
FEATURES
Rugged Crystal 4.978mm x 2.388mm
Plateback set for Chrome-Gold elec-
trodes or Aluminum Electrodes
Sized for 5x7mm ceramic SMD
100% tested blanks for highest yield
potential
Stable oscillation
High Q, chemically etched, free of
etch channels or scratches in the
Mesa area
BENEFITS
Low unit cost
Higher yield through lower breakage
(rugged)
Flexible sorting groups
More accurate plating calibration setup
Excellent oscillator performance
APPLICATIONS
Volume clock oscillators and VCXO
Customer applications for SONET, 10G, 1G,
Storage, network communications
Small packaged crystals for precise fre-
quency control applications
PRODUCT OFFERING/RANGE
Fundamental or overtone applications
50MHz to 170MHz Fundamental mode*
150MHz to 240 MHz third overtone mode*
AT angles from 35D8' to 35D29.5' [EFG3D6' to
2D45']
Standard angle tolerance of +/-2'
Low etch Channel pure Z quartz with a Q mini-
mum of 1.8 million
Sorted and packed in order of frequency by each lot
Cleaned and packed in vacuum sealed waffle packs
*See RM196 series for higher frequencies or Z5024
for similar crystal for UM-1 packaging
Typical electrode pattern for 5x7mm


Similar Part No. - X5024

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
X502 CONNOR-WINFIELD-X502 Datasheet
153Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
X502-622.08M CONNOR-WINFIELD-X502-622.08M Datasheet
153Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
More results

Similar Description - X5024

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VPC1-B1B-40M000 VECTRON-VPC1-B1B-40M000 Datasheet
71Kb / 2P
   VPC1 7.5 x 5 mm Crystal Oscillators
VPC1 VECTRON-VPC1 Datasheet
70Kb / 2P
   VPC1 7.5 x 5 mm Crystal Oscillators
logo
ILSI America LLC
I533 ILSI-I533 Datasheet
46Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD TCXO
logo
RF Monolithics, Inc
SMP-03 RFM-SMP-03 Datasheet
161Kb / 2P
   10-Terminal Ceramic Surface-Mount Case 7 x 5 mm Nominal Footprint
logo
Transko Electronics, In...
TCFL0805CF TRANSKO-TCFL0805CF Datasheet
433Kb / 3P
   Ceramic Chip Inductor (2.4 x 1.6 x 1.4 mm)
Rev 1: 06-05-2020
logo
HK TO-GRACE TECHNOLOGY ...
APBD3224LSURKZGKC TO-GRACE-APBD3224LSURKZGKC Datasheet
949Kb / 4P
   3.2 x 2.4 mm SMD Chip LED Lamp
APBD3224LVBDSYKJ3C TO-GRACE-APBD3224LVBDSYKJ3C Datasheet
949Kb / 4P
   3.2 x 2.4 mm SMD Chip LED Lamp
APBD3224LQBDCGKC TO-GRACE-APBD3224LQBDCGKC Datasheet
958Kb / 4P
   3.2 x 2.4 mm SMD Chip LED Lamp
KPD-3224CGCK TO-GRACE-KPD-3224CGCK Datasheet
935Kb / 4P
   3.2 x 2.4 mm SMD Chip LED Lamp
KPD-3224QBC-D TO-GRACE-KPD-3224QBC-D Datasheet
935Kb / 4P
   3.2 x 2.4 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com