Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TDA3609JR Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TDA3609JR
Description  Multiple voltage regulator with switch and ignition buffers
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 3 page
background image
1997 Aug 15
3
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch and
ignition buffers
TDA3609JR
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
operating
11
14.4
18
V
reverse polarity
non-operating
−−−18
V
regulator 2 on
2.4
14.4
50
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
t
≤ 50 ms; t
r ≥ 2.5 ms
−−
50
V
Iq(tot)
total quiescent supply current
standby mode
500
600
µA
Tj
junction temperature
−−
150
°C
Voltage regulators
VO(REG1)
output voltage regulator 1
1 mA
≤ IREG1 ≤ 600 mA
9.5
10.0
10.5
V
VO(REG2)
output voltage regulator 2
0.5 mA
≤ IREG2 ≤ 150 mA; VP = 14.4 V 4.75
5.0
5.25
V
VO(REG3)
output voltage regulator 3
1 mA
≤ IREG3 ≤ 500 mA
4.75
5.0
5.25
V
Power switch
Vd
drop-out voltage
Isw =1A
0.45
0.7
V
Isw = 1.8 A
1
1.8
V
IM
peak current
3
−−
A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA3618AJRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
TDA3618JRMultiple voltage regulator with switch and ignition buffers 1 2 3 4 5 MoreNXP Semiconductors
TDA3681Multiple voltage regulator with switch and ignition buffer 1 2 3 4 5 MoreNXP Semiconductors
TDA3604QMultiple voltage regulators with external reset delay and switch 1 2 3 4 5 MoreNXP Semiconductors
TDA3603Multiple voltage regulator with switch 1 2 3 4 5 MoreNXP Semiconductors
TDA3605QMultiple voltage regulator with switch 1 2 3 4 5 MoreNXP Semiconductors
TDA3607Multiple voltage regulator with switch 1 2 3 4 5 MoreNXP Semiconductors
TDA3608QMultiple voltage regulator with switch 1 2 3 4 5 MoreNXP Semiconductors
TK112XXAVOLTAGE REGULATOR WITH ON/OFF SWITCH 1 2 3 4 5 MoreTOKO, Inc
LA5602Low-Dropout Voltage Regulator with Reset and On-Off Function 1 2 3 4 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl