Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM50UM13SAG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTM50UM13SAG
Description  Single switch Series & parallel diodes MOSFET Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM50UM13SAG Datasheet(HTML) 5 Page - Microsemi Corporation

  APTM50UM13SAG Datasheet HTML 1Page - Microsemi Corporation APTM50UM13SAG Datasheet HTML 2Page - Microsemi Corporation APTM50UM13SAG Datasheet HTML 3Page - Microsemi Corporation APTM50UM13SAG Datasheet HTML 4Page - Microsemi Corporation APTM50UM13SAG Datasheet HTML 5Page - Microsemi Corporation APTM50UM13SAG Datasheet HTML 6Page - Microsemi Corporation APTM50UM13SAG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
APTM50UM13SAG
www.microsemi.com
5 – 7
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
5V
5.5V
6V
6.5V
7V
7.5V
0
200
400
600
800
0
5
10
15
20
25
VDS, Drain to Source Voltage (V)
VGS=10&15V
Low Voltage Output Characteristics
Transfert Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
0
80
160
240
320
400
480
560
640
720
0
123
45
678
VGS, Gate to Source Voltage (V)
VDS > ID(on)xRDS(on)MAX
250µs pulse test @ < 0.5 duty cycle
RDS(on) vs Drain Current
VGS=10V
VGS=20V
0.8
0.9
1
1.1
1.2
1.3
1.4
0
120
240
360
480
600
720
ID, Drain Current (A)
Normalized to
VGS=10V @ 167.5A
0
50
100
150
200
250
300
350
25
50
75
100
125
150
TC, Case Temperature (°C)
DC Drain Current vs Case Temperature


Similar Part No. - APTM50UM13SAG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50UM13S-ALN ADPOW-APTM50UM13S-ALN Datasheet
301Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
More results

Similar Description - APTM50UM13SAG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20UM05S ADPOW-APTM20UM05S Datasheet
287Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
APTM50UM25S ADPOW-APTM50UM25S Datasheet
284Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
APTM120U10SA ADPOW-APTM120U10SA Datasheet
294Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
APTM100UM65S-ALN ADPOW-APTM100UM65S-ALN Datasheet
311Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM100UM65SAG MICROSEMI-APTM100UM65SAG Datasheet
278Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM20UM09S ADPOW-APTM20UM09S Datasheet
285Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
APTM50UM13S-ALN ADPOW-APTM50UM13S-ALN Datasheet
301Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
APTM20UM04S-ALN ADPOW-APTM20UM04S-ALN Datasheet
302Kb / 6P
   Single switch Series & parallel diodes MOSFET Power Module
APTM50UM19S ADPOW-APTM50UM19S Datasheet
287Kb / 7P
   Single switch Series & parallel diodes MOSFET Power Module
APTM100U13S ADPOW-APTM100U13S Datasheet
286Kb / 5P
   Single switch Series & parallel diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com