Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

66PR10LF Datasheet(PDF) 2 Page - Bi technologies

Part # 66PR10LF
Description  3/8 Square Multiturn Cermet Trimming Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

66PR10LF Datasheet(HTML) 2 Page - Bi technologies

  66PR10LF Datasheet HTML 1Page - Bi technologies 66PR10LF Datasheet HTML 2Page - Bi technologies 66PR10LF Datasheet HTML 3Page - Bi technologies 66PR10LF Datasheet HTML 4Page - Bi technologies 66PR10LF Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Metal Adjustment Screw
.090
± .005/2.286 ± 0.127 Dia. With
.020
± .005/0.508 ± 0.127 Wide x
.025
± .005/0.635 ± 0.127 Min. Depth
Max.
Meniscus
(Typ)
.158
4.01
.03
0.76
.203
5.156
.18
4.57
Solderable
Terminal Pins (3)
Dia.
.021
± .003
0.533
± 0.076
Min.
Standoff,
.010
0.254
.187
± .015
4.750
± 0.381
.375
± .015
9.525
± 0.381
(2)
(1)
(3)
.062
± .015
1.575
± 0.381
.062
± .015
1.575
± 0.381
.10
2.54
.187
± .015
4.750
± 0.381
.10
2.54
.375
± .015
9.525
± 0.381
.10
2.54
Max.
Min.
Model 66P
SIDE ADJUSTMENT (Inch/mm)
TOP ADJUSTMENT (Inch/mm)
Schematic Diagram
This Surface
Max.
Standard Marking This Surface
.145
3.683
.375
± .015
9.525
± 0.381
.062
± .015
1.575
± 0.381
.060
± .015
1.524
± 0.38
.015
± .005
0.38
± 0.13
.20
5.08
Terminal Pins (3)
Solderable
Dia.
(3)
(2)
(1)
Min.
.18
4.57
.41
10.41
.021
± .003
0.533
± 0.076
.187
± .015
4.75
± 0.38
.100
± .015
2.540
± 0.381
.10
2.54
.10
2.54
0.05
1.25
Typ.
Metal Adjustment Screw
Dia. With
.090
± .005
2.286
± 0.127
Wide x
.020
0.51
Min. Depth
.025
0.635
Model 66W
Model 66
1-40


Similar Part No. - 66PR10LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
66PFR10KLF BITECH-66PFR10KLF Datasheet
266Kb / 3P
   Cermet Trimming Potentiometer
logo
TT Electronics.
66PFR10KLFAP TTELEC-66PFR10KLFAP Datasheet
893Kb / 4P
   MULTI-TURN TRIMMER
66PFR10KLFTB TTELEC-66PFR10KLFTB Datasheet
893Kb / 4P
   MULTI-TURN TRIMMER
66PFR10KLFTR TTELEC-66PFR10KLFTR Datasheet
893Kb / 4P
   MULTI-TURN TRIMMER
More results

Similar Description - 66PR10LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
68PR10KLF BITECH-68PR10KLF Datasheet
61Kb / 4P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68WR1K ETC2-68WR1K Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF Datasheet
59Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
44GR10KLFXX BITECH-44GR10KLFXX Datasheet
58Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
44WR50KLF BITECH-44WR50KLF Datasheet
56Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com