Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH8S64DBKG-6 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MH8S64DBKG-6
Description  536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH8S64DBKG-6 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH8S64DBKG-6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH8S64DBKG-6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH8S64DBKG-6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH8S64DBKG-6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH8S64DBKG-6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH8S64DBKG-6 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH8S64DBKG-6 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH8S64DBKG-6 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH8S64DBKG-6 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
MH8S64DBKG -6,-6L-7,-7L,-8,-8L
536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MITSUBISHI LSIs
(
/ 51 )
MITSUBISHI
ELECTRIC
27.Mar.2001
Preliminary Spec.
Some contents are subject to change without notice.
MIT-DS-0340-0.3
DESCRIPTION
The MH8S64DBKG is 8388608 - word by 64-bit
Synchronous DRAM module. This consists of eight
industry standard 4Mx16 Synchronous DRAMs in
TSOP and one industory standard EEPROM in
TSSOP.
The mounting of TSOP on a card edge Dual
Inline package provides any application where
high densities and large quantities of memory are
required.
This is a socket type - memory modules, suitable
for easy interchange or addition of modules.
FEATURES
single 3.3V±0.3V power supply
Fully synchronous operation referenced to clock rising
edge
Burst length- 1/2/4/8/Full Page(programmable)
4 bank operation controlled by BA0,1(Bank Address)
/CAS latency- 2/3(programmable)
APPLICATION
main memory or graphic memory in computer systems
Auto precharge / All bank precharge controlled by A10
Burst type- sequential / interleave(programmable)
Column access - random
LVTTL Interface
Auto refresh and Self refresh
4096 refresh cycle /64ms
1
Utilizes industry standard 4M x 16 Sy nchronous DRAMs
TSOP and industry standard EEPROM in TSSOP
144-pin (72-pin dual in-line package)
(Front)
(Back)
1
2
143
144
PCB Outline
Frequency
CLK Access Time
-8,-8L
100MHz
6.0ns(CL=2)
(Component SDRAM)
6.0ns(CL=3)
100MHz
-7,-7L
133MHz
5.4ns(CL=3)
-6,-6L
Max. Clock frequency -6:133MHz,-7,8:100MHz


Similar Part No. - MH8S64DBKG-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64DBKG-7 MITSUBISHI-MH8S64DBKG-7 Datasheet
688Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DBKG-7L MITSUBISHI-MH8S64DBKG-7L Datasheet
688Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DBKG-8 MITSUBISHI-MH8S64DBKG-8 Datasheet
688Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DBKG-8L MITSUBISHI-MH8S64DBKG-8L Datasheet
688Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
More results

Similar Description - MH8S64DBKG-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64DBKG-7 MITSUBISHI-MH8S64DBKG-7 Datasheet
688Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKD-10 MITSUBISHI-MH8S64BBKD-10 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64QFC-7 MITSUBISHI-MH8S64QFC-7 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BALD-7 MITSUBISHI-MH8S64BALD-7 Datasheet
587Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64FFC-10 MITSUBISHI-MH8S64FFC-10 Datasheet
576Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64PHC-7 MITSUBISHI-MH8S64PHC-7 Datasheet
588Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BMG-7 MITSUBISHI-MH8S64BMG-7 Datasheet
588Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKG-7 MITSUBISHI-MH8S64BBKG-7 Datasheet
578Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DALD-6 MITSUBISHI-MH8S64DALD-6 Datasheet
699Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)Synchronous DRAM
MH8S72PHC-7 MITSUBISHI-MH8S72PHC-7 Datasheet
589Kb / 55P
   603979776-BIT (8388608 - WORD BY 72-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com