Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DER-110 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # DER-110
Description  7.3 W Dual Output Non-Isolated Power Supply using TNY266P
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-110 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button DER-110 Datasheet HTML 2Page - Power Integrations, Inc. DER-110 Datasheet HTML 3Page - Power Integrations, Inc. DER-110 Datasheet HTML 4Page - Power Integrations, Inc. DER-110 Datasheet HTML 5Page - Power Integrations, Inc. DER-110 Datasheet HTML 6Page - Power Integrations, Inc. DER-110 Datasheet HTML 7Page - Power Integrations, Inc. DER-110 Datasheet HTML 8Page - Power Integrations, Inc. DER-110 Datasheet HTML 9Page - Power Integrations, Inc. DER-110 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DER-110
Dual Output Non-Isolated Power Supply
October 26, 2005
Page 6 of 23
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
4
PCB Layout
Figure 3 – Printed Circuit Layout


Similar Part No. - DER-110

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-111 POWERINT-DER-111 Datasheet
672Kb / 23P
   3.15W Adapter with < 100 mW standby using LNK500P
DER-112 POWERINT-DER-112 Datasheet
339Kb / 17P
   20 W and 30 W Boost Converters with Constant Current Output using DPA423G and DPA424G
DER-113 POWERINT-DER-113 Datasheet
565Kb / 25P
   5 W, 5 V Charger using TNY274P
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
   21 W Standby Power Supply using TNY280P
More results

Similar Description - DER-110

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
   10.5 W Multi Output Isolated Power Supply using TNY267P
DI-138 POWERINT-DI-138 Datasheet
159Kb / 2P
   1.2 W, Non-isolated Dual Output Supply for White Goods
DER-108 POWERINT-DER-108 Datasheet
974Kb / 19P
   7.2 W Dual Output Power Supply using TNY267G
DER-47 POWERINT-DER-47 Datasheet
86Kb / 9P
   2W Non-isolated Power Supply using LNK305P
DER-45 POWERINT-DER-45 Datasheet
105Kb / 9P
   1.8W non-isolated Power Supply using LNK304
DI-80 POWERINT-DI-80 Datasheet
300Kb / 2P
   0.6 W Non-Isolated Utility Meter Power Supply
DER-53 POWERINT-DER-53 Datasheet
1Mb / 27P
   20W Dual Output Power Supply using TOP247Y
logo
Mean Well Enterprises C...
ID-60B MEANWELL-ID-60B_10 Datasheet
393Kb / 2P
   60W Isolated Dual Output Switching Power Supply
ID-50 MEANWELL-ID-50 Datasheet
354Kb / 2P
   50W Isolated Dual Output Switching Power Supply
ID-60B MEANWELL-ID-60B Datasheet
386Kb / 2P
   60W Isolated Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com