Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DER-52 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # DER-52
Description  3.9W Power Supply using TNY263P
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-52 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  DER-52 Datasheet HTML 1Page - Power Integrations, Inc. DER-52 Datasheet HTML 2Page - Power Integrations, Inc. DER-52 Datasheet HTML 3Page - Power Integrations, Inc. DER-52 Datasheet HTML 4Page - Power Integrations, Inc. DER-52 Datasheet HTML 5Page - Power Integrations, Inc. DER-52 Datasheet HTML 6Page - Power Integrations, Inc. DER-52 Datasheet HTML 7Page - Power Integrations, Inc. DER-52 Datasheet HTML 8Page - Power Integrations, Inc. DER-52 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
DER-52
TNY263 Multi Output
April 20, 2005
Page 4 of 26
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
2
Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
85
265
VAC
2 Wire – no P.E.
Frequency
fLINE
50
Hz
No-load Input Power (230 VAC)
W
Output
Output Voltage 1
VOUT1
5
V
± 5%
Output Ripple Voltage 1
VRIPPLE1
5
mV
20 MHz Bandwidth
Output Current 1
IOUT1
160
mA
Output Voltage 1
VOUT1
9
V
± 7%
Output Ripple Voltage 1
VRIPPLE1
mV
20 MHz Bandwidth
Output Current 1
IOUT1
110
mA
Output Voltage 1
VOUT1
12
V
± 10%
Output Ripple Voltage 1
VRIPPLE1
mV
20 MHz Bandwidth
Output Current 1
IOUT1
175
mA
Total Output Power
Continuous Output Power
POUT
3.9
W
Peak Output Power
POUT_PEAK
3.9
W
Efficiency estimated
η
72
77
%
Environmental
Conducted EMI
Meets CISPR22B / EN55022B
Safety
Designed to meet IEC950, UL1950
Class II
Surge
4
kV
1.2/50
µs surge, IEC 1000-4-5,
Series Impedance:
Differential Mode: 2
Common Mode: 12
Surge
3
kV
100 kHz ring wave, 500 A short
circuit current, differential and
common mode
Ambient Temperature
TAMB
0
50
oC
Adapter Enclosure


Similar Part No. - DER-52

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-50 POWERINT-DER-50 Datasheet
957Kb / 31P
   30W Multiple Output Power Supply using TOP245R
DER-51 POWERINT-DER-51 Datasheet
517Kb / 30P
   16W Power Supply using TOP243P
DER-53 POWERINT-DER-53 Datasheet
1Mb / 27P
   20W Dual Output Power Supply using TOP247Y
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
   10.5 W Multi Output Isolated Power Supply using TNY267P
DER-56 POWERINT-DER-56 Datasheet
694Kb / 24P
   4.8W Charger using LNK520P
More results

Similar Description - DER-52

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-41 POWERINT-DER-41 Datasheet
1Mb / 22P
   3.7W Power Supply Using TNY263P
DER-33 POWERINT-DER-33 Datasheet
540Kb / 24P
   3.9W CV/CC Charger using TNY266P with < 100 mW standby
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
   2.4W Power Supply using LNK520P
DER-42 POWERINT-DER-42 Datasheet
966Kb / 19P
   2.25W Power Supply using LNK520P
DER-57 POWERINT-DER-57 Datasheet
1Mb / 26P
   3W Power Supply using LNK501P
DER-43 POWERINT-DER-43 Datasheet
988Kb / 23P
   24.5W Power Supply using DPA424G
DER-109 POWERINT-DER-109 Datasheet
408Kb / 14P
   0.7W Power Supply using LNK353P
DER-51 POWERINT-DER-51 Datasheet
517Kb / 30P
   16W Power Supply using TOP243P
logo
STMicroelectronics
AN1246 STMICROELECTRONICS-AN1246 Datasheet
103Kb / 8P
   power supply using VIPer20A-E
logo
Power Integrations, Inc...
DER-107 POWERINT-DER-107 Datasheet
1,010Kb / 26P
   10W Compact Power Supply using TOP245R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com