Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STD200
Description  Thyristor-Diode Modules, Diode-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STD200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STD200 Datasheet HTML 1Page - List of Unclassifed Manufacturers STD200 Datasheet HTML 2Page - List of Unclassifed Manufacturers STD200 Datasheet HTML 3Page - List of Unclassifed Manufacturers STD200 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STD/SDT200
Thyristor-Diode Modules, Diode-Thyristor Modules
Symbol
Test Conditions
Characteristic Values
Unit
IRRM
TVJ=TVJM; VR=VRRM; VD=VDRM
70
mA
FEATURES
* International standard package
* Direct copper bonded Al2O3-ceramic
base plate
* Planar passivated chips
* Isolation voltage 3600 V~
ADVANTAGES
* Space and weight savings
* Simple mounting
* Improved temperature and power
cycling
* Reduced protection circuits
APPLICATIONS
* Motor control
* Power converter
* Heat and temperature control for
industrial furnaces and chemical
processes
* Lighting control
* Contactless switches
mA
IDRM
40
V
VT, VF
IT, IF=600A; TVJ=25
oC
1.50
VTO
For power-loss calculations only (TVJ=140
oC)
0.95
V
rT
1.0
m
VD=6V;
TVJ=25
oC
TVJ=-40
oC
VGT
2
3
V
VD=6V;
TVJ=25
oC
TVJ=-40
oC
IGT
150
200
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.25
V
IGD
10
mA
IH
TVJ=25
oC; VD=6V; RGK=
150
mA
TVJ=25
oC; tp=30us; VD=6V
IG=0.45A; diG/dt=0.45A/us
300
mA
IL
per thyristor/diode; DC current
per module
RthJC
0.140
0.070
K/W
per thyristor/diode; DC current
per module
RthJK
0.180
0.090
K/W
dS
Creeping distance on surface
12.7
mm
dA
Strike distance through air
9.6
mm
a
Maximum allowable acceleration
50
m/s
2
TVJ=25
oC; VD=1/2VDRM
IG=1A; diG/dt=1A/us
tgd
2
us
TVJ=TVJM; IT=300A; tp=200us; -di/dt=10A/us
typ.
VR=100V; dv/dt=50V/us; VD=2/3VDRM
tq
200
us
uC
QS
TVJ=125
oC; IT, IF=400A; -di/dt=50A/us
760
IRM
275
A


Similar Part No. - STD200

ManufacturerPart #DatasheetDescription
logo
Littelfuse
STD200 LITTELFUSE-STD200 Datasheet
128Kb / 2P
   This axial leaded strap product is designed to provide reliable, non-cycling protection for rechanrgeable batteries
logo
Sirectifier Semiconduct...
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
STMicroelectronics
STD2000 STMICROELECTRONICS-STD2000 Datasheet
262Kb / 11P
   Single-Chip Worldwide iDTV Processor
logo
Visual Communications C...
STD200BLK VCC-STD200BLK Datasheet
67Kb / 1P
   STD
logo
Sirectifier Semiconduct...
STD200GK08 SIRECTIFIER-STD200GK08 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results

Similar Description - STD200

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com