Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45GER50LFT7 Datasheet(PDF) 3 Page - Bi technologies

Part # 45GER50LFT7
Description  4mm Square High Resolution - 15 Turn Surface Mount Cermet Trimming Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

45GER50LFT7 Datasheet(HTML) 3 Page - Bi technologies

  45GER50LFT7 Datasheet HTML 1Page - Bi technologies 45GER50LFT7 Datasheet HTML 2Page - Bi technologies 45GER50LFT7 Datasheet HTML 3Page - Bi technologies 45GER50LFT7 Datasheet HTML 4Page - Bi technologies 45GER50LFT7 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
1-27
Model 45
.025
.63
3X
.190
4.83
.198
5.03
.032
.81
3X
.008
±.003
.203
±.076
3X
Solderable
Terminals
(1)
(3)
(2)
.061
1.56
.113
2.87
.100
2.54
Metal Adjustment
Screw .056/1.42 Dia.
with .020/.51 wide x
.015/.38 deep slot
.180
4.57
.147
3.73
SOLDER PAD LAYOUT (Inch/mm)
.079
2.01
.060
1.52
3X
.114
2.90
.051
1.30
.100
2.54
2X
.079
2.01
.079
2.01
.157
3.99
.090
2.29
3X
.051
1.30
2X
.051
1.30
.079
2.01
.205
5.21
.090
2.29
3X
.051
1.30
2X
Model 45W
Model 45J
Model 45G
SIDE ADJUSTMENT (Inch/mm)
Model 45J
3X
.190
4.83
.229
5.82
.008
±.003
.203
±.076
3X
Solderable
Terminals
(1)
(3)
(2)
.061
1.56
.120
3.05
.100
2.54
Metal Adjustment
Screw .056/1.42 Dia.
with .020/.51 wide x
.015/.38 deep slot
.180
4.57
.154
3.91
.025
.63
.024
.61
Model 45G


Similar Part No. - 45GER50LFT7

ManufacturerPart #DatasheetDescription
logo
Bi technologies
45GER10KLF BITECH-45GER10KLF_13 Datasheet
305Kb / 3P
   Cermet Trimming Potentiometer
More results

Similar Description - 45GER50LFT7

ManufacturerPart #DatasheetDescription
logo
Bi technologies
23AR10KLFTR BITECH-23AR10KLFTR Datasheet
125Kb / 4P
   4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
23BR5KLFTR BITECH-23BR5KLFTR Datasheet
129Kb / 4P
   4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
44GR10KLFXX BITECH-44GR10KLFXX Datasheet
58Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
44WR50KLF BITECH-44WR50KLF Datasheet
56Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
24WR10KLFTR BITECH-24WR10KLFTR Datasheet
63Kb / 3P
   4mm Diameter Single Turn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
22AR500LFTR ETC-22AR500LFTR Datasheet
164Kb / 3P
   3 mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
logo
Vishay Siliconix
5W-100 VISHAY-5W-100 Datasheet
181Kb / 2P
   5mm 11 Turn Surface Mount Cermet Trimming Potentiometer
Revision 16-Jul-03
logo
Bi technologies
25PR10KLF BITECH-25PR10KLF Datasheet
122Kb / 4P
   1/4??Square Single Turn Cermet Trimming Potentiometer
72PR10KLF BITECH-72PR10KLF Datasheet
81Kb / 6P
   3/8 Square Single Turn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com