Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3294-15SURC Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 3294-15SURC
Description  Technical Data Sheet 3.0mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

3294-15SURC Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  3294-15SURC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 3294-15SURC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 3294-15SURC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 3294-15SURC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 3294-15SURC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 3294-15SURC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data Sheet
3.0mm Round Type LED Lamps
Package Dimensions
Notes: 1. All dimensions are in millimetres
2. The height of flange must be less than 1.5mm(0.059").
3. Without special declared,the tolerance is ±0.25mm.
█ Absolute Maximum Ratings at Ta = 25℃
Parameter
Symbol
Rating
Unit
Forward Current
IF
50
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
ESD
2000
V
Soldering Temperature
Tsol
260 ± 5
Power Dissipation
Pd
120
mW
Reverse Voltage
VR
5V
Note: *1:Soldering time ≦ 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 2 of 6
Device Number :
CDLE-329-037
Prepared date:
Prepared by:
xuebin Li
3294-15SURC/S400-A6
Electrostatic Discharge
2006/8/7


Similar Part No. - 3294-15SURC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
3294-15SURC-S400-A7 EVERLIGHT-3294-15SURC-S400-A7 Datasheet
97Kb / 6P
   3294-15SURC-S400-A7
3294-15SURC-S400-A7 EVERLIGHT-3294-15SURC-S400-A7 Datasheet
97Kb / 6P
   3.0mm Round Type LED Lamps
More results

Similar Description - 3294-15SURC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-10SDRD EVERLIGHT-204-10SDRD_13 Datasheet
123Kb / 8P
   Technical Data Sheet 3.0mm Round Type LED for Tapping
383-2UYC-S400-A10-TR1 EVERLIGHT-383-2UYC-S400-A10-TR1 Datasheet
112Kb / 8P
   Technical Data Sheet 5.0mm Round Type LED Lamps
333-2SUBC-C470-S400-A6 EVERLIGHT-333-2SUBC-C470-S400-A6 Datasheet
96Kb / 6P
   Technical Data Sheet 5.0mm Round Type LED Lamps
333-2SUGC-H3-S400-A5 EVERLIGHT-333-2SUGC-H3-S400-A5 Datasheet
91Kb / 6P
   Technical Data Sheet 5.0mm Round Type LED Lamps
383-2UYC-S400-A8 EVERLIGHT-383-2UYC-S400-A8 Datasheet
103Kb / 6P
   Technical Data Sheet 5.0mm Round Type LED Lamps
333-2SUGC-H3-S400-A4 EVERLIGHT-333-2SUGC-H3-S400-A4 Datasheet
91Kb / 6P
   Technical Data Sheet 5.0mm Round Type LED Lamps
383-2UYC-S400-A9 EVERLIGHT-383-2UYC-S400-A9 Datasheet
122Kb / 7P
   Technical Data Sheet 5.0mm Round Type LED Lamps
383-2UYC-S530-A4 EVERLIGHT-383-2UYC-S530-A4 Datasheet
99Kb / 6P
   Technical Data Sheet 5.0mm Round Type LED Lamps
333-2SUBC-H3-C470-S400-A6 EVERLIGHT-333-2SUBC-H3-C470-S400-A6 Datasheet
117Kb / 6P
   Technical Data Sheet 5.0mm Round Type LED Lamps
383-2UYC-S530-A3 EVERLIGHT-383-2UYC-S530-A3 Datasheet
126Kb / 7P
   Technical Data Sheet 5.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com