Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2616 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA2616
Description  2 x 12 W hi-fi audio power amplifiers with mute
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2616 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA2616 Datasheet HTML 1Page - NXP Semiconductors TDA2616 Datasheet HTML 2Page - NXP Semiconductors TDA2616 Datasheet HTML 3Page - NXP Semiconductors TDA2616 Datasheet HTML 4Page - NXP Semiconductors TDA2616 Datasheet HTML 5Page - NXP Semiconductors TDA2616 Datasheet HTML 6Page - NXP Semiconductors TDA2616 Datasheet HTML 7Page - NXP Semiconductors TDA2616 Datasheet HTML 8Page - NXP Semiconductors TDA2616 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
July 1994
3
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifiers with
mute
TDA2616/TDA2616Q
Fig.1 Block diagram.
handbook, full pagewidth
MCD375 - 1
5
voltage
comparator
4
4 k
10 k
P
– V
P
+ V
THERMAL
PROTECTION
5 k
1
CM
20 k
V
A
B
V
P
– V
680
20 k
10 k
V
A
B
V
P
+ V
ref1
V
ref3
V
ref2
+ V
ref2
– V
P
+ V
CM
20 k
VA
B
V
P
– V
680
20 k
ref1
V
ref1
V
6
P
– V
8
9
3
2
TDA2616
INV1
MUTE
1/2 V
/ GND
OUT1
OUT2
INV1, 2
INV2
P
7


Similar Part No. - TDA2616

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2616 NXP-TDA2616 Datasheet
76Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
TDA2616Q NXP-TDA2616Q Datasheet
76Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
More results

Similar Description - TDA2616

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA2616 UTC-PA2616_15 Datasheet
178Kb / 8P
   2 x 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
KODENSHI_AUK CORP.
KKA2616 KODENSHI-KKA2616 Datasheet
113Kb / 3P
   2 x 12 W Hi-Fi Audio Power Amplifiers with Mute
logo
Unisonic Technologies
PA2616 UTC-PA2616 Datasheet
183Kb / 8P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
Integral Corp.
ILA2616 INTEGRAL-ILA2616 Datasheet
119Kb / 3P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
NXP Semiconductors
TDA2616 NXP-TDA2616 Datasheet
76Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
STMicroelectronics
TDA7298 STMICROELECTRONICS-TDA7298 Datasheet
148Kb / 11P
   28W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052 STMICROELECTRONICS-TDA2052_03 Datasheet
4Mb / 14P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com