Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT534AD Datasheet(PDF) 3 Page - International Rectifier

Part # 74ABT534AD
Description  Octal D-type flip-flop, inverting (3-State)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

74ABT534AD Datasheet(HTML) 3 Page - International Rectifier

  74ABT534AD Datasheet HTML 1Page - International Rectifier 74ABT534AD Datasheet HTML 2Page - International Rectifier 74ABT534AD Datasheet HTML 3Page - International Rectifier 74ABT534AD Datasheet HTML 4Page - International Rectifier 74ABT534AD Datasheet HTML 5Page - International Rectifier 74ABT534AD Datasheet HTML 6Page - International Rectifier 74ABT534AD Datasheet HTML 7Page - International Rectifier 74ABT534AD Datasheet HTML 8Page - International Rectifier 74ABT534AD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ABT534A
Octal D-type flip-flop, inverting (3-State)
1997 Feb 03
3
LOGIC SYMBOL
5
2
Q0
Q1
Q2
9
6
Q3
34
7
8
D0
D1
D2
D3
11
1
15
12
Q4
Q5
Q6
19
16
Q7
13
14
17
18
D4
D5
D6
D7
CP
OE
SA00162
LOGIC SYMBOL (IEEE/IEC)
1
3
2
4
5
7
6
8
9
EN
11
C1
13
12
14
15
17
16
18
19
1D
SA00163
FUNCTION TABLE
INPUTS
INTERNAL
OUTPUTS
OPERATING
MODE
OE
CP
Dn
REGISTER
Q0 – Q7
L
L
l
h
L
H
H
L
Latch and read
register
L
X
NC
NC
Hold
H
H
X
Dn
NC
Dn
Z
Z
Disable
outputs
H = High voltage level
h
= High voltage level one set-up time prior to the Low-to-High
clock transition
L
= Low voltage level
l
= Low voltage level one set-up time prior to the Low-to-High
clock transition
NC= No change
X = Don’t care
Z = High impedance “off” state
↑ = Low-to-High clock transition
↑ = not a Low-to-High clock transition
LOGIC DIAGRAM
2
CP Q
D
3
D0
Q0
CP Q
D
4
D1
CP Q
D
7
D2
CP Q
D
8
D3
CP Q
D
13
D4
CP Q
D
14
D5
CP Q
D
17
D6
CP Q
D
18
D7
Q1
5
Q2
6
Q3
9
Q4
12
Q5
15
Q6
16
Q7
19
11
CP
1
OE
SA00164


Similar Part No. - 74ABT534AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT534A PHILIPS-74ABT534A Datasheet
111Kb / 12P
   Octal D-type flip-flop, inverting 3-State
1997 Feb 03
More results

Similar Description - 74ABT534AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT534A PHILIPS-74ABT534A Datasheet
111Kb / 12P
   Octal D-type flip-flop, inverting 3-State
1997 Feb 03
logo
KODENSHI_AUK CORP.
KK74HC534A KODENSHI-KK74HC534A Datasheet
250Kb / 6P
   Octal 3-State Inverting D Flip-Flop
logo
Motorola, Inc
MC74HC564A MOTOROLA-MC74HC564A Datasheet
188Kb / 8P
   Octal 3-State Inverting D Flip-Flop
logo
System Logic Semiconduc...
HC534 SLS-HC534 Datasheet
53Kb / 5P
   Octal 3-State Inverting D Flip-Flop
logo
NXP Semiconductors
74LVT534 PHILIPS-74LVT534 Datasheet
100Kb / 12P
   3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
logo
Motorola, Inc
MC54-74HC374A MOTOROLA-MC54-74HC374A Datasheet
253Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_11 Datasheet
149Kb / 9P
   Octal 3-State Non-Inverting D Flip-Flop
May, 2011 ??Rev. 12
logo
STMicroelectronics
M74HC534 STMICROELECTRONICS-M74HC534 Datasheet
406Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com