Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8ETLFPPBF Datasheet(PDF) 1 Page - International Rectifier

Part # 8ETLFPPBF
Description  Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8ETLFPPBF Datasheet(HTML) 1 Page - International Rectifier

  8ETLFPPBF Datasheet HTML 1Page - International Rectifier 8ETLFPPBF Datasheet HTML 2Page - International Rectifier 8ETLFPPBF Datasheet HTML 3Page - International Rectifier 8ETLFPPBF Datasheet HTML 4Page - International Rectifier 8ETLFPPBF Datasheet HTML 5Page - International Rectifier 8ETLFPPBF Datasheet HTML 6Page - International Rectifier 8ETLFPPBF Datasheet HTML 7Page - International Rectifier 8ETLFPPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
8ETL06PbF
8ETL06FPPbF
Bulletin PD-20888 rev. A 10/06
• Benchmark Ultra-low Forward Voltage Drop
• Hyperfast Recovery Time
• Low Leakage Current
• 175°C Operating Junction Temperature
• Fully Isolated package (V
INS = 2500 VRMS)
• UL E78996 approved
• Lead-Free ("PbF" suffix)
Features
Description
Ultra-low V
F Hyperfast Rectifier for Discontinuous Mode PFC
State of the art, ultra-low VF, soft-switching Hyperfast Rectifiers optimized for Discontinuous (Critical) Mode (DCM)
Power Factor Correction (PFC).
The minimised conduction loss, optimized stored charge and low recovery current minimize the switching losses
and reduce over dissipation in the switching element and snubbers.
The device is also intended for use as a free wheeling diode in power supplies and other power switching
applications.
Applications
AC-DC SMPS 70W-400W
e.g. Laptop & Printer AC Adaptors, Desktop PC, TV & Monitor, Games units and DVD AC-DC power supplies.
VF = 0.96V typ.
IF(AV) = 8Amp
VR = 600V
www.irf.com
Absolute Maximum Ratings
VRRM
Peak Repetitive Reverse Voltage
600
V
IF(AV)
Average Rectified Forward Current @ TC = 160°C
8
A
@ TC = 142°C (FULLPACK)
IFSM
Non Repetitive Peak Surge Current @ TJ = 25°C
175
IFM
Peak Repetitive Forward Current
16
TJ, TSTG
Operating Junction and Storage Temperatures
- 65 to 175
°C
Parameters
Max
Units
8ETL06PbF
TO-220AC
Case Styles
Anode
1
3
Cathode
Base
Cathode
2
8ETL06FPPbF
TO-220 FULLPACK
Anode
1
3
Cathode


Similar Part No. - 8ETLFPPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETL06 IRF-8ETL06 Datasheet
205Kb / 9P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
8ETL06 VISHAY-8ETL06 Datasheet
121Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 23-Jun-08
logo
International Rectifier
8ETL06-1 IRF-8ETL06-1 Datasheet
205Kb / 9P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
8ETL06-1 IRF-8ETL06-1 Datasheet
289Kb / 8P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
8ETL06-1 VISHAY-8ETL06-1 Datasheet
125Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 08-Sep-08
More results

Similar Description - 8ETLFPPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETL06SPBF IRF-8ETL06SPBF Datasheet
289Kb / 8P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
8ETL06 IRF-8ETL06 Datasheet
205Kb / 9P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
15ETL06 IRF-15ETL06_06 Datasheet
383Kb / 11P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
15ETL06 IRF-15ETL06 Datasheet
205Kb / 9P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
15ETL06PBF IRF-15ETL06PBF Datasheet
236Kb / 8P
   Ultra-low V Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
VS-8ETL06SHM3 VISHAY-VS-8ETL06SHM3 Datasheet
163Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, FRED
Revision: 04-Apr-18
8ETL06PBF VISHAY-8ETL06PBF Datasheet
123Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 08-Apr-08
8ETL06S VISHAY-8ETL06S Datasheet
125Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 08-Sep-08
8ETL06PBF VISHAY-8ETL06PBF_11 Datasheet
189Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETL06PBF VISHAY-VS-8ETL06PBF Datasheet
199Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 02-Jan-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com