Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62BR2KLF Datasheet(PDF) 3 Page - Bi technologies

Part # 62BR2KLF
Description  1/4 Diameter Single Turn Cermet Trimming Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

62BR2KLF Datasheet(HTML) 3 Page - Bi technologies

  62BR2KLF Datasheet HTML 1Page - Bi technologies 62BR2KLF Datasheet HTML 2Page - Bi technologies 62BR2KLF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
1-33
Model 62
Standard:
Plastic Bags
Capacity
=
100 Units
Metric equivalents, based on 1 inch = 25.4mm are
rounded to the same number of significant figures
as in the original English units and are provided for
general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches (.25mm)
Angular = ± 2 degrees
CIRCUIT DIAGRAM
(1)
(2)
(3)
CW
NOTES
mm
INCH
PACKAGING
ORDERING INFORMATION
62 P R 10K LF
Model Series
Pin Style
Resistance Value
Resistance Prefix
RoHS Compliant Product Code - Optional
Standard:
STANDARD RESISTANCE VALUES, OHMS
10
200
5K
50K
500K
20
500
10K
100K
1Meg
50
1K
20K
200K
100
2K
25K
250K


Similar Part No. - 62BR2KLF

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62B GRAYHILL-62B Datasheet
5Mb / 33P
   Custom, Absolute
62B11-LP-040C GRAYHILL-62B11-LP-040C Datasheet
5Mb / 33P
   Custom, Absolute
62B11-LP-040P GRAYHILL-62B11-LP-040P Datasheet
5Mb / 33P
   Custom, Absolute
62B11-LP-040S GRAYHILL-62B11-LP-040S Datasheet
5Mb / 33P
   Custom, Absolute
62B11-LPP-040C GRAYHILL-62B11-LPP-040C Datasheet
5Mb / 33P
   Custom, Absolute
More results

Similar Description - 62BR2KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
82PR10KLF BITECH-82PR10KLF Datasheet
62Kb / 4P
   1/4 Diameter Single Turn Cermet Trimming Potentiometer
93PR10KLF BITECH-93PR10KLF_12 Datasheet
55Kb / 3P
   1/2 Diameter Single Turn Cermet Trimming Potentiometer
93PR10KLF BITECH-93PR10KLF Datasheet
49Kb / 3P
   1/2 Diameter Single Turn Cermet Trimming Potentiometer
24WR10KLFTR BITECH-24WR10KLFTR Datasheet
63Kb / 3P
   4mm Diameter Single Turn Cermet Trimming Potentiometer
25PR10KLF BITECH-25PR10KLF Datasheet
122Kb / 4P
   1/4??Square Single Turn Cermet Trimming Potentiometer
91PR10KLF BITECH-91PR10KLF Datasheet
69Kb / 4P
   3/8 Diameter Single Turn Cermet Trimming Potentiometer
83PR10KLF BITECH-83PR10KLF Datasheet
55Kb / 3P
   1/4 Single Turn Surface Mount Cermet Trimming Potentiometer
72PR10KLF BITECH-72PR10KLF Datasheet
81Kb / 6P
   3/8 Square Single Turn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com