Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT300SK120G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTGT300SK120G
Description  Buck chopper Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT300SK120G Datasheet(HTML) 3 Page - Microsemi Corporation

  APTGT300SK120G Datasheet HTML 1Page - Microsemi Corporation APTGT300SK120G Datasheet HTML 2Page - Microsemi Corporation APTGT300SK120G Datasheet HTML 3Page - Microsemi Corporation APTGT300SK120G Datasheet HTML 4Page - Microsemi Corporation APTGT300SK120G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APTGT300SK120G
www.microsemi.com
3 - 5
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.09
RthJC
Junction to Case Thermal Resistance
Diode
0.17
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
280
g
SP6 Package outline (dimensions in mm)
See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com


Similar Part No. - APTGT300SK120G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT300SK120 ADPOW-APTGT300SK120 Datasheet
271Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT300SK120D3 ADPOW-APTGT300SK120D3 Datasheet
205Kb / 3P
   Buck chopper Trench IGBT Power Module
logo
Microsemi Corporation
APTGT300SK120D3G MICROSEMI-APTGT300SK120D3G Datasheet
218Kb / 5P
   Buck Chopper Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT300SK120G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT400SK120G MICROSEMI-APTGT400SK120G Datasheet
247Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT300SK120 ADPOW-APTGT300SK120 Datasheet
271Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT75SK120T ADPOW-APTGT75SK120T Datasheet
279Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50SK120TG MICROSEMI-APTGT50SK120TG Datasheet
259Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT150SK120TG MICROSEMI-APTGT150SK120TG Datasheet
258Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT100SK120TG MICROSEMI-APTGT100SK120TG Datasheet
257Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50SK120TG ADPOW-APTGT50SK120TG Datasheet
283Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT100SK120T ADPOW-APTGT100SK120T Datasheet
279Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT150SK120 ADPOW-APTGT150SK120 Datasheet
269Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT150SK120T ADPOW-APTGT150SK120T Datasheet
280Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com