Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2611A Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA2611A
Description  5 W audio power amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2611A Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA2611A Datasheet HTML 5Page - NXP Semiconductors TDA2611A Datasheet HTML 6Page - NXP Semiconductors TDA2611A Datasheet HTML 7Page - NXP Semiconductors TDA2611A Datasheet HTML 8Page - NXP Semiconductors TDA2611A Datasheet HTML 9Page - NXP Semiconductors TDA2611A Datasheet HTML 10Page - NXP Semiconductors TDA2611A Datasheet HTML 11Page - NXP Semiconductors TDA2611A Datasheet HTML 12Page - NXP Semiconductors TDA2611A Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
November 1982
12
Philips Semiconductors
Product specification
5 W audio power amplifier
TDA2611A
PACKAGE OUTLINE
UNIT
A
A
max.
2
A3
b 1
D1
b 2
bc
D(1)
E(1)
Z
max.
(1)
eL
P
P1
q1
q2
q
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
18.5
17.8
3.7
8.7
8.0
A4
15.8
15.4
1.40
1.14
0.67
0.50
1.40
1.14
0.48
0.38
21.8
21.4
21.4
20.7
6.48
6.20
3.4
3.2
2.54
1.0
5.9
5.7
4.4
4.2
3.9
3.4
15.1
14.9
Q
1.75
1.55
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
2.75
2.50
SOT110-1
92-11-17
95-02-25
0
5
10 mm
scale
0.25
w
D
E
A
A
c
A2
3
A 4
q 1
q 2
L
Q
w M
b
b 1
b 2
D1
P
q
1
Z
e
19
P
pin 1 index
SIL9MPF: plastic single in-line medium power package with fin; 9 leads
SOT110-1


Similar Part No. - TDA2611A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
More results

Similar Description - TDA2611A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
NXP Semiconductors
TDA1015T PHILIPS-TDA1015T Datasheet
75Kb / 10P
   0,5 W audio power amplifier
March 1986
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
415Kb / 24P
[Old version datasheet]   1-W AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
List of Unclassifed Man...
DI35 ETC-DI35 Datasheet
78Kb / 2P
   16 W Audio Amplifier Power Supply
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com