Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT225DU170G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGT225DU170G
Description  Dual common source Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT225DU170G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGT225DU170G Datasheet HTML 1Page - Microsemi Corporation APTGT225DU170G Datasheet HTML 2Page - Microsemi Corporation APTGT225DU170G Datasheet HTML 3Page - Microsemi Corporation APTGT225DU170G Datasheet HTML 4Page - Microsemi Corporation APTGT225DU170G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT225DU170G
www.microsemi.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=125°C
0
50
100
150
200
250
300
350
400
450
00.5
1
1.522.5
3
V
F (V)
hard
switching
ZCS
ZVS
0
5
10
15
20
0
60
120
180
240
300
360
I
C (A)
VCE=900V
D=50%
RG=3.3Ω
TJ=125°C
TC=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.04
0.08
0.12
0.16
0.2
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT225DU170G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT225DU170 ADPOW-APTGT225DU170 Datasheet
269Kb / 5P
   Dual common source Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT225DU170G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT100DU170T ADPOW-APTGT100DU170T Datasheet
280Kb / 5P
   Dual common source Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT300DU170G MICROSEMI-APTGT300DU170G Datasheet
246Kb / 5P
   Dual common source Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT200DU60T ADPOW-APTGT200DU60T Datasheet
279Kb / 5P
   Dual common source Trench Field Stop IGBT Power Module
APTGT150DU60T ADPOW-APTGT150DU60T Datasheet
279Kb / 5P
   Dual common source Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50DU170TG MICROSEMI-APTGT50DU170TG Datasheet
259Kb / 5P
   Dual common source Trench Field Stop IGBT Power Module
APTGT150DU170G MICROSEMI-APTGT150DU170G Datasheet
246Kb / 5P
   Dual common source Trench Field Stop IGBT Power Module
APTGT200DU60TG MICROSEMI-APTGT200DU60TG Datasheet
259Kb / 6P
   Dual common source Trench Field Stop IGBT Power Module
APTGT450DU60G MICROSEMI-APTGT450DU60G Datasheet
245Kb / 5P
   Dual common source Trench Field Stop IGBT Power Module
APTGT600DU60G MICROSEMI-APTGT600DU60G Datasheet
246Kb / 5P
   Dual common source Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150DU170 ADPOW-APTGT150DU170 Datasheet
269Kb / 5P
   Dual common source Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com