Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40PR1KLF Datasheet(PDF) 2 Page - Bi technologies

Part # 40PR1KLF
Description  6 mm Single-Turn Open Frame Carbon Trimming Potentiometer RoHS Compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

40PR1KLF Datasheet(HTML) 2 Page - Bi technologies

  40PR1KLF Datasheet HTML 1Page - Bi technologies 40PR1KLF Datasheet HTML 2Page - Bi technologies 40PR1KLF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL 40
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
September 19, 2006
page 2 of 3
BI technologies
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
Operating Temperature Range
-10°C to +70°C
Load Life, 0.1W, 500 Hours, 50
°C
±20%
∆R
Resistance to Solder Heat
260
°C for 3 sec.
Aqueous cleaning not recommended
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION2222
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE VALUES AND MARKING
VALUES AND MARKING
VALUES AND MARKING
VALUES AND MARKING
Resistance
(ohms)
Part
Marking
100
101
200
201
500
501
1K
102
2K
202
5K
502
10K
103
20K
203
50K
503
100K
104
200K
204
500K
504
1MEG
105
2
Contact our customer service for custom designs and features.
40 P R10K LF
40 P R10K LF
40 P R10K LF
40 P R10K LF
Model Series
Style P, S, B, W
RoHS Compliant Product Code
Resistance Value (see tables below)
Std. Package 500 pc/bag


Similar Part No. - 40PR1KLF

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
40P-JMDSS-G-1-TF JST-40P-JMDSS-G-1-TF Datasheet
284Kb / 3P
   Board-to-board connectors
logo
Guangdong Kexin Industr...
40P03 KEXIN-40P03 Datasheet
434Kb / 4P
   P-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
40P03 VBSEMI-40P03 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
40P03-20 VBSEMI-40P03-20 Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
40P03-20D VBSEMI-40P03-20D Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - 40PR1KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
36WR10KLF BITECH-36WR10KLF Datasheet
280Kb / 3P
   6 MM SINGLE-TURN Open Frame Cermet Trimming Potentiometer
37PR10KLF BITECH-37PR10KLF Datasheet
163Kb / 3P
   9 mm Single-Turn Open Frame Cermet Trimming Potentiometer
35WR10KLFTR BITECH-35WR10KLFTR Datasheet
121Kb / 3P
   3 mm Single-Turn Open Frame Surface Mount Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
43WR10KLFXX BITECH-43WR10KLFXX Datasheet
151Kb / 3P
   3 mm Multi-Turn Sealed Surface Mount Cermet Trimming Potentiometer RoHS compliant
logo
Bourns Electronic Solut...
3316 BOURNS-3316 Datasheet
277Kb / 1P
   6MM ROUND/SINGLE-TURN/CARBON COMMERCIAL/OPEN FRAME
logo
Bi technologies
39WLABR100KLF30 BITECH-39WLABR100KLF30 Datasheet
283Kb / 4P
   15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
38WLABR100KLF30 BITECH-38WLABR100KLF30 Datasheet
208Kb / 3P
   10 mm Single-Turn Trimmer Dust Proof Carbon Element Low TCR RoHS Compliant
logo
DB Lectro Inc
3323P DBLECTRO-3323P Datasheet
198Kb / 1P
   7횞7 Square/ Single Turn /Trimming Potentiometer
3362P DBLECTRO-3362P Datasheet
205Kb / 1P
   7횞7.2 Square/Single Turn/Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com