Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44JR10LFT7 Datasheet(PDF) 3 Page - Bi technologies

Part # 44JR10LFT7
Description  4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

44JR10LFT7 Datasheet(HTML) 3 Page - Bi technologies

  44JR10LFT7 Datasheet HTML 1Page - Bi technologies 44JR10LFT7 Datasheet HTML 2Page - Bi technologies 44JR10LFT7 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
1-23
Model 44
1-23
FEATURES AND BENEFITS
• Space saving SMD design for the most compact board designs
• Sealed to withstand aggressive water wash
• Long life - set and forget construction
• BI quality and reliability
• Available in top and side adjustment versions, J-Hook or gull wing termination
PACKAGING
Standard: Embossed Tape & Reel
All units oriented with #1 pin to the right of the direction of feed.
13” Reel
7” Reel
Pin Style
G & J
W
G & J
W
Tape
Width
=
12 mm
16 mm
12 mm
16 mm
Sprocket
= 4 mm Pitch
4 mm Pitch
4 mm Pitch
4 mm Pitch
Capacity
= 1,000 Units
1,000 Units
500 Units
250 Units
Reel
Diameter
=
13” (330.2 mm)
7” (178 mm)
Option:
Anti-Static Tubes
All units oriented with #1 pin to same side.
Magazine
Capacity
=
100 Units
ORDERING INFORMATION
44 G R 10K LF XX*
Model Series
Pin Style
Packaging Option:
T7 = 7" Tape & Reel
T13 = 13" Tape & Reel
TB = Tubes
RoHS Compliant Product Code - optional
Resistance Value
Resistance Prefix
CIRCUIT DIAGRAM
(1)
(2)
(3)
CW
NOTES
mm
INCH
Metric equivalents, based on 1 inch = 25.4mm are
rounded to the same number of significant figures
as in the original English units and are provided for
general information only.
Tolerances unless otherwise specified:
Linear = ± .012 inches (.30mm)
Angular = ± 2 degrees
* Packaging option must be specified.


Similar Description - 44JR10LFT7

ManufacturerPart #DatasheetDescription
logo
Bi technologies
44WR50KLF BITECH-44WR50KLF Datasheet
56Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
84PR10KLF BITECH-84PR10KLF Datasheet
57Kb / 3P
   1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
84PR10KLFTR BITECH-84PR10KLFTR_12 Datasheet
63Kb / 3P
   1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF Datasheet
59Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com