Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT150DH60TG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGT150DH60TG
Description  Asymmetrical - Bridge Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT150DH60TG Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGT150DH60TG Datasheet HTML 1Page - Microsemi Corporation APTGT150DH60TG Datasheet HTML 2Page - Microsemi Corporation APTGT150DH60TG Datasheet HTML 3Page - Microsemi Corporation APTGT150DH60TG Datasheet HTML 4Page - Microsemi Corporation APTGT150DH60TG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT150DH60TG
5 - 5
www.microsemi.com
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=150°C
0
50
100
150
200
250
300
0
0.4
0.8
1.2
1.6
2
2.4
VF (V)
Hard
switching
ZCS
ZVS
0
20
40
60
80
100
120
0
50
100
150
200
IC (A)
VCE=300V
D=50%
RG=3.3Ω
TJ=150°C
Tc=85°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT150DH60TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT150DH120 ADPOW-APTGT150DH120 Datasheet
272Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT150DH120G MICROSEMI-APTGT150DH120G Datasheet
250Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150DH170 ADPOW-APTGT150DH170 Datasheet
272Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT150DH170G MICROSEMI-APTGT150DH170G Datasheet
251Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT150DH60TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT75DH60T3G MICROSEMI-APTGT75DH60T3G Datasheet
204Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50DH170T ADPOW-APTGT50DH170T Datasheet
281Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT100DH170 ADPOW-APTGT100DH170 Datasheet
273Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100DH60TG MICROSEMI-APTGT100DH60TG Datasheet
259Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT50DH60T1G MICROSEMI-APTGT50DH60T1G Datasheet
212Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT100DH170G MICROSEMI-APTGT100DH170G Datasheet
254Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT150DH170G MICROSEMI-APTGT150DH170G Datasheet
251Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150DH170 ADPOW-APTGT150DH170 Datasheet
272Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT300DH60G MICROSEMI-APTGT300DH60G Datasheet
250Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT50DH60TG MICROSEMI-APTGT50DH60TG Datasheet
258Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com