Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM67S5R0LFTR13 Datasheet(PDF) 1 Page - Bi technologies

Part # HM67S5R0LFTR13
Description  Surface Mount Common Mode Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM67S5R0LFTR13 Datasheet(HTML) 1 Page - Bi technologies

  HM67S5R0LFTR13 Datasheet HTML 1Page - Bi technologies HM67S5R0LFTR13 Datasheet HTML 2Page - Bi technologies HM67S5R0LFTR13 Datasheet HTML 3Page - Bi technologies HM67S5R0LFTR13 Datasheet HTML 4Page - Bi technologies HM67S5R0LFTR13 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
51
HM67-B5R0LF
1-4, 2-3
5.0 ±30%
0.08
1000
0.12
A
1
HM67-B110LF
1-4, 2-3
11.0 ±30%
0.10
500
0.15
B
1
HM67-S250LF
1-4, 2-3
25.0 ±30%
1.60
500
0.18
C
1
HM67-B510LF
1-4, 2-3
51.0 ±30%
1.90
500
0.10
D
1
HM67-S510LF
1-4, 2-3
51.0 ±30%
2.80
500
0.25
E
1
HM67-B471LF
1-4, 2-3
470.0 ±30%
0.80
500
0.28
F
1
HM67-B102(3)LF
1-4, 2-3
1000.0 +50%, -30%
0.16
500
0.30
G
1
HM67-B222(3)LF
1-4, 2-3
2200.0 +50%, -30%
0.16
400
0.42
H
1
HM67-B472(3)LF
1-4, 2-3
4700.0 +50%, -30%
0.24
200
0.67
I
1
HM67-10510LF
1-4, 2-3
51.0 ±30%(4)
2.40(4)
200
0.403
0510
2
Packaging
Ordering Information
Inductance Code:
First 2 digits are significant.
Last digit denotes the number of trailing zeros.
For values below 10µH, “R” denotes the decimal point.
Winding Type:
B = Bifilar
S /10= Sector
Model Series
TR - Tape & Reel Packing
13 - 13” reel
Lead-Free
Standard: Embossed Tape & Reel
Reel:
Diameter: Figure 1 & 2
=
13” (330.2mm)
Capacity:
Figure 1
=
400 Units
Figure 2
=
2000 Units
HM67
B
110
LF
TR13
Schematic
• Operating Temperature Range
-40°C to +125°C
• Ambient Temperature, Maximum
85°C
• Temperature Rise, Maximum
40°C
• Dielectric Withstanding Voltage
300Vdc
Electrical / Environmental
Surface Mount Common Mode Chokes
Specifications
Notes:
(1) Leakage inductance is measured with pin 2 & 3 shorted.
(2) DC resistance is measured at 25°C.
(3) Maximum operating temperature is +85°C.
(4) Common mode inductance & leakage inductance of HM67-10510LF are measured at 100 kHz, 0.05V

Common Mode Inductance
Inductance Leakage
@100 kHz - 0.1 V
@100 kHz - 0.1 Vrms
Rated
DCR (2)
Part
(1-4 or 2-3)
(1-4)(1) Typ.
Current
Max.
Marking
Figure
Number
Terminals
µH
µH
mA
Code
RoHS
Compliant


Similar Part No. - HM67S5R0LFTR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM67 ETC1-HM67 Datasheet
699Kb / 5P
   Surface Mount Common Mode Chokes
HM67 ETC2-HM67 Datasheet
2Mb / 5P
   Operating Temperature Range
logo
TT Electronics.
HM67 TTELEC-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
List of Unclassifed Man...
HM67-10510 ETC1-HM67-10510 Datasheet
699Kb / 5P
   Surface Mount Common Mode Chokes
HM67-10510LF ETC2-HM67-10510LF Datasheet
2Mb / 5P
   Operating Temperature Range
More results

Similar Description - HM67S5R0LFTR13

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-67540NLT PULSE-PE-67540NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
   Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-5854 BOTHHAND-BCM-5854 Datasheet
123Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236_15 Datasheet
195Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-9012 BOTHHAND-BCM-9012 Datasheet
71Kb / 1P
   SURFACE MOUNT COMMON MODE CHOKES
logo
TT Electronics.
HM67 TTELEC-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com