Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT50DU120TG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGT50DU120TG
Description  Dual common source Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT50DU120TG Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGT50DU120TG Datasheet HTML 1Page - Microsemi Corporation APTGT50DU120TG Datasheet HTML 2Page - Microsemi Corporation APTGT50DU120TG Datasheet HTML 3Page - Microsemi Corporation APTGT50DU120TG Datasheet HTML 4Page - Microsemi Corporation APTGT50DU120TG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT50DU120TG
www.microsemi.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=125°C
0
25
50
75
100
125
150
0
0.511.5
22.5
VF (V)
hard
switching
ZCS
ZVS
0
10
20
30
40
50
60
70
80
0
10
20304050
60
7080
IC (A)
VCE=600V
D=50%
RG=18Ω
TJ=125°C
TC=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT50DU120TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT50DU120T ADPOW-APTGT50DU120T Datasheet
279Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT50DU120TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT200DU120 ADPOW-APTGT200DU120 Datasheet
269Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT150DU120 ADPOW-APTGT150DU120 Datasheet
269Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT300DU120G MICROSEMI-APTGT300DU120G Datasheet
245Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT75DU120TG MICROSEMI-APTGT75DU120TG Datasheet
258Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT300DU120 ADPOW-APTGT300DU120 Datasheet
271Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT400DU120G MICROSEMI-APTGT400DU120G Datasheet
246Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT200DU120G MICROSEMI-APTGT200DU120G Datasheet
245Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT100DU120TG MICROSEMI-APTGT100DU120TG Datasheet
257Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT100DU120T ADPOW-APTGT100DU120T Datasheet
279Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
APTGT150DU120T ADPOW-APTGT150DU120T Datasheet
279Kb / 5P
   Dual common source Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com