Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI404MC-A8 Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # PI404MC-A8
Description  400DPI CIS Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI404MC-A8 Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

  PI404MC-A8 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI404MC-A8 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI404MC-A8 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI404MC-A8 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI404MC-A8 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI404MC-A8 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI404MC-A8 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Mechanical Structure of the Module
An isometric overview drawing of the PI404MC-A8 Module’s housing is shown in the
Figure 4. Housing Outline. These modules is supplied with plastic end caps, how ever, for
compactness in the installation of these module the end caps can be removed, providing
internal to the housing the modules are kept dark with no external light leakage.
For module design-in, a detail drawing is available upon request.
©2001 Peripheral Imaging Corporation.
Printed in USA. All rights reserved. Specifications
are subject to change without notice. Contents may not be reproduced in whole or in part without
the express prior written permission of Peripheral Imaging Corporation. Information furnished
herein is believed to be accurate and reliable. However, no responsibility is assumed by Peripheral
Imaging Corporation for its use nor for any infringement of patents or other rights granted by
implication or otherwise under any patent or patent rights of Peripheral Imaging Corporation.
PAGE 7 OF 7 - PI404MC-A8, 01-19-01
70.0mm
19mm
glass
surface
PCB
pin
1
18
mm
13
mm
1.25mm
8-pin
connector
Figure 4. PI404MC-A8 Module Housing Module
Although the standard modules comes with connector pins extruding to the sides as shown, a
straight pinned socket can be installed into the PCB with its pins extruding directly up from its
mount PCB. However, it must be requested upon ordering of the modules, otherwise the standard
configuration will be shipped.


Similar Part No. - PI404MC-A8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI400 ETC2-PI400 Datasheet
2Mb / 8P
   Raspberry PI 400 US KIT ENGLISH VERSION
November 2020
logo
AMI SEMICONDUCTOR
PI400MC-A4 AMI-PI400MC-A4 Datasheet
600Kb / 7P
   400DPI CIS Module
PI403MC-A6 AMI-PI403MC-A6 Datasheet
591Kb / 6P
   400DPI CIS Module
PI409MC-A4 AMI-PI409MC-A4 Datasheet
611Kb / 8P
   400DPI CIS Module
More results

Similar Description - PI404MC-A8

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI411MC-A7 AMI-PI411MC-A7 Datasheet
867Kb / 7P
   400DPI CIS Module
AMIS-710411 AMI-AMIS-710411 Datasheet
243Kb / 7P
   400dpi CIS Module
PI403MC-A6 AMI-PI403MC-A6 Datasheet
591Kb / 6P
   400DPI CIS Module
AMIS-710400 AMI-AMIS-710400 Datasheet
226Kb / 7P
   400dpi CIS Module
PI409MC-A4 AMI-PI409MC-A4 Datasheet
611Kb / 8P
   400DPI CIS Module
PI400MC-A4 AMI-PI400MC-A4 Datasheet
600Kb / 7P
   400DPI CIS Module
AMIS-710403 AMI-AMIS-710403 Datasheet
219Kb / 7P
   400dpi CIS Module
AMIS-710409 AMI-AMIS-710409 Datasheet
242Kb / 8P
   400dpi CIS Module
AMIS-710404 AMI-AMIS-710404 Datasheet
219Kb / 7P
   400dpi CIS Module
AMIS-710401 AMI-AMIS-710401 Datasheet
272Kb / 9P
   400dpi CIS Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com