Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI404MC-A8 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # PI404MC-A8
Description  400DPI CIS Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI404MC-A8 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  PI404MC-A8 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI404MC-A8 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI404MC-A8 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI404MC-A8 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI404MC-A8 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI404MC-A8 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI404MC-A8 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Vdmin is the minimum output voltage with LED off.
Vdmax is maximum output voltage with LED off
(6) This level is measured from the reset level that is located between the pixels, during
the pixel reset duration. The reset level is at ground, 0V. It can be adjusted with offset
potentiometer located on the module.
(7) MTF = [(Vp(n) – Vp(n+1)] / (Vp(n)+ Vp(n+1)] x 100 [%]
Vp(n): n
th maximum output pixel from a 8.0 lp/mm target.
V(n+1): (n+1)
th minimum output pixel from a 8.0 lp/mm target.
(8) lp / mm: line pair per mm
Item
Symbol
Min
Typical
Max
Units
Vdd
4.5
5.0
5.5
V
Vn.
-12
-5
-4.0
V
Idd
30
ma
In
8
ma
ILED
250
300
ma
Power Supply
VLED
+5
V
Input voltage at digital high
Vih
Vdd-1.0
Vdd-.5
Vdd
V
Input voltage at digital low
Vil
0
0.6
V
Clock frequency
f
0
0.30
1.0
MHz
Clock pulse high duty cycle
25
%
Clock pulse high duration
0.8
us
Integration time
Tint
3.0
ms
Operating temperature(1)
Top
25
50
oC
Table 5. Recommended Operating Condition (25
oC)
Note (1) see the note under the Table for Operating and Storage Environment.
PAGE 5 OF 7 - PI404MC-A8, 01-19-01
Recommended Operating Conditions (25°C)


Similar Part No. - PI404MC-A8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI400 ETC2-PI400 Datasheet
2Mb / 8P
   Raspberry PI 400 US KIT ENGLISH VERSION
November 2020
logo
AMI SEMICONDUCTOR
PI400MC-A4 AMI-PI400MC-A4 Datasheet
600Kb / 7P
   400DPI CIS Module
PI403MC-A6 AMI-PI403MC-A6 Datasheet
591Kb / 6P
   400DPI CIS Module
PI409MC-A4 AMI-PI409MC-A4 Datasheet
611Kb / 8P
   400DPI CIS Module
More results

Similar Description - PI404MC-A8

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI411MC-A7 AMI-PI411MC-A7 Datasheet
867Kb / 7P
   400DPI CIS Module
AMIS-710411 AMI-AMIS-710411 Datasheet
243Kb / 7P
   400dpi CIS Module
PI403MC-A6 AMI-PI403MC-A6 Datasheet
591Kb / 6P
   400DPI CIS Module
AMIS-710400 AMI-AMIS-710400 Datasheet
226Kb / 7P
   400dpi CIS Module
PI409MC-A4 AMI-PI409MC-A4 Datasheet
611Kb / 8P
   400DPI CIS Module
PI400MC-A4 AMI-PI400MC-A4 Datasheet
600Kb / 7P
   400DPI CIS Module
AMIS-710403 AMI-AMIS-710403 Datasheet
219Kb / 7P
   400dpi CIS Module
AMIS-710409 AMI-AMIS-710409 Datasheet
242Kb / 8P
   400dpi CIS Module
AMIS-710404 AMI-AMIS-710404 Datasheet
219Kb / 7P
   400dpi CIS Module
AMIS-710401 AMI-AMIS-710401 Datasheet
272Kb / 9P
   400dpi CIS Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com