Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI325MC-A4 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # PI325MC-A4
Description  300DPI CIS Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI325MC-A4 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  PI325MC-A4 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI325MC-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI325MC-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI325MC-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI325MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI325MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Pin Number
Symbol
Names and Functions
1
Vout
Analog Video Output
2
Gnd
Ground; 0V
3
Vdd (+5V)
Positive power supply
4
Vn (-5V to –12V)
Negative power supply
5
Gnd
Ground; 0V
6
SP
Shift register start pulse
7
Gnd
Ground; 0V
8
CP
Sampling clock pulse
9
GLED
Ground for the light source; 0V
10
VLED
Supply for the light source
Table 1. Pin configuration
Parameter
Symbols
Maximum Rating
Units
Vdd
10
V
Idd
55
mA
Vn
-15
V
In
10
mA
VLED
5.5
V
Power supply voltage
ILED
0.55
A
Input clock pulse (high level)
Vih
Vdd – 0.5V
V
Input clock pulse (low level)
Vil
-0.8
V
Table 2. Absolute Maximum Ratings
Operating Environment
Operating temperature
Top
0 to 50
0 C
Operating humidity
Hop
10 to 85
%
Storage temperature
Tstg
-25 to+75
0C
Storage humidity
Hstg
5 to 95
%
Table 3. Operating Environment
PAGE 3 OF 6 - PI325MC-A4, 11-15-00


Similar Part No. - PI325MC-A4

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI321MC-A6 AMI-PI321MC-A6 Datasheet
591Kb / 6P
   300DPI CIS Module
PI322MC-A4 AMI-PI322MC-A4 Datasheet
594Kb / 6P
   300DPI CIS Module
PI324MC-A4 AMI-PI324MC-A4 Datasheet
642Kb / 9P
   300DPI CIS Module
More results

Similar Description - PI325MC-A4

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI317MC-A6C AMI-PI317MC-A6C Datasheet
595Kb / 6P
   300DPI CIS Module
AMIS-710324 AMI-AMIS-710324 Datasheet
296Kb / 9P
   300dpi CIS Module
PI324MC-A4 AMI-PI324MC-A4 Datasheet
642Kb / 9P
   300DPI CIS Module
AMIS-710317 AMI-AMIS-710317 Datasheet
216Kb / 7P
   300dpi CIS Module
AMIS-710322 AMI-AMIS-710322 Datasheet
198Kb / 7P
   300dpi CIS Module
AMIS-710321 AMI-AMIS-710321 Datasheet
215Kb / 7P
   300dpi CIS Module
AMIS-710325 AMI-AMIS-710325 Datasheet
224Kb / 7P
   300dpi CIS Module
PI321MC-A6 AMI-PI321MC-A6 Datasheet
591Kb / 6P
   300DPI CIS Module
PI322MC-A4 AMI-PI322MC-A4 Datasheet
594Kb / 6P
   300DPI CIS Module
PI330MC-DR AMI-PI330MC-DR Datasheet
630Kb / 9P
   300DPI CIS Two Level Digital Output Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com