Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI0256HSN Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # PI0256HSN
Description  25-關m-Pitch Wide Aperture Spectroscopic Photodiode Arrays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0256HSN Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

  PI0256HSN Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0256HSN Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0256HSN Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0256HSN Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0256HSN Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0256HSN Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0256HSN Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0256HSN Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PI0256HSN, PI0512HSN, PI1024HSN
Engineering Data Sheet
Page 6 of 8
March 13, 2002
Recommended Operating Conditions
The following table lists the recommended operating conditions.
Table 3. Recommended operating conditions
at 25 °C.
Parameters
Symbol
Min
Typical
Max
Units
Power supply
VDD
4.5
5.0
5.5
Volts
Input clock pulses high level
1
Vih
VDD – 0.8
VDD
VDD
Volts
Input clock pulse low level
1
Vil
0.0
0.0
0.8
Volts
Video charge output external bias
Vbias
VDD – 0.5
VDD – 0.5
VDD
Volts
Clock frequency
Fclk
0.1
1.0
MHz
Integration time
2
Tint
0.26 (256HSN)
0.52 (512HSN)
1.03 (1024HSN)
11000 (w/ cap)
ms
Notes:
1.
Applies to all control-clock inputs.
2.
Integration time is specified at room temperature such that the maximum dark current charge build up in each pixel is
less than 10% of the minimum saturation charge. Accordingly, it may be as long as 11 seconds at room temperature
with the added capacitors. Longer integration times may be achieved by cooling the device. An appropriate clock fre-
quency must be chosen so that the shift register completes its operation within the desired integration time.


Similar Part No. - PI0256HSN

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI0256WSN AMI-PI0256WSN Datasheet
3Mb / 8P
   50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
More results

Similar Description - PI0256HSN

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-734256 AMI-AMIS-734256 Datasheet
243Kb / 9P
   25關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
AMIS-732128 AMI-AMIS-732128 Datasheet
232Kb / 9P
   50關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
PI0000WSN AMI-PI0000WSN Datasheet
3Mb / 8P
   50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
PI0512WS AMI-PI0512WS Datasheet
2Mb / 8P
   512-Pixel 50-mm-Pitch Wide Aperture Spectroscopic Photodiode Array
logo
Hamamatsu Corporation
S4111 HAMAMATSU-S4111_15 Datasheet
295Kb / 6P
   Si photodiode arrays
logo
ANADIGICS, Inc
PD075 ANADIGICS-PD075 Datasheet
180Kb / 2P
   75關m InGaAs Photodiode
PD070 ANADIGICS-PD070 Datasheet
179Kb / 2P
   70關m InGaAs Photodiode
PD100 ANADIGICS-PD100 Datasheet
179Kb / 2P
   100關m InGaAs Photodiode
PD500 ANADIGICS-PD500 Datasheet
122Kb / 2P
   500關m InGaAs Photodiode
PD300 ANADIGICS-PD300 Datasheet
179Kb / 2P
   300關m InGaAs Photodiode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com