Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-734024 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-734024
Description  25關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-734024 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-734024 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-734024 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-734024 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-734024 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-734024 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-734024 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-734024 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-734024 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-734024 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AMIS-734256, AMIS-734512, AMIS-734024
Data Sheet
25µm-pitch Wide Aperture Spectroscopic Photodiode Arrays
During normal operation, the photons incident in or near the NP photodiode junction generate free charges, which are collected and
stored on the junction's depletion capacitance. The number of collected charges is proportional to the light exposure. Figure 3 shows
the stored signal charge as function of light exposure at a wavelength of 575nm. The exposure is the product of the light intensity in
nW/cm2 and integration time in seconds. The charge accumulates linearly until reaching the saturation charge and the corresponding
exposure is the saturation exposure. There are two saturation limits which are described in Section 4.0.
The responsivity may be calculated as the saturation charge divided by the saturation exposure. The predicted typical responsivity of a
photodiode is 1.5
×10-4 C/J/cm2 at 575nm. Figure 4 shows the predicted responsivity of the photodiodes as a function of wavelength.
Figure 3: Stored Signal Charge as a Function of Exposure at a Wavelength of 575nm
Figure 4: Predicted Spectral Response
3
AMI Semiconductor – Aug. 06, M-20603-001
www.amis.com


Similar Part No. - AMIS-734024

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-732128 AMI-AMIS-732128 Datasheet
232Kb / 9P
   50關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
AMIS-732256 AMI-AMIS-732256 Datasheet
232Kb / 9P
   50關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
AMIS-732512 AMI-AMIS-732512 Datasheet
232Kb / 9P
   50關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
More results

Similar Description - AMIS-734024

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI0000HSN AMI-PI0000HSN Datasheet
1Mb / 8P
   25-關m-Pitch Wide Aperture Spectroscopic Photodiode Arrays
AMIS-732128 AMI-AMIS-732128 Datasheet
232Kb / 9P
   50關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
PI0000WSN AMI-PI0000WSN Datasheet
3Mb / 8P
   50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
PI0512WS AMI-PI0512WS Datasheet
2Mb / 8P
   512-Pixel 50-mm-Pitch Wide Aperture Spectroscopic Photodiode Array
logo
Hamamatsu Corporation
S4111 HAMAMATSU-S4111_15 Datasheet
295Kb / 6P
   Si photodiode arrays
logo
ANADIGICS, Inc
PD075 ANADIGICS-PD075 Datasheet
180Kb / 2P
   75關m InGaAs Photodiode
PD070 ANADIGICS-PD070 Datasheet
179Kb / 2P
   70關m InGaAs Photodiode
PD100 ANADIGICS-PD100 Datasheet
179Kb / 2P
   100關m InGaAs Photodiode
PD500 ANADIGICS-PD500 Datasheet
122Kb / 2P
   500關m InGaAs Photodiode
PD300 ANADIGICS-PD300 Datasheet
179Kb / 2P
   300關m InGaAs Photodiode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com