Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-749803 Datasheet(PDF) 11 Page - AMI SEMICONDUCTOR

Part # AMIS-749803
Description  (I2C) Ambient Light Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-749803 Datasheet(HTML) 11 Page - AMI SEMICONDUCTOR

Back Button AMIS-749803 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-749803 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-749803 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-749803 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-749803 Datasheet HTML 11Page - AMI SEMICONDUCTOR AMIS-749803 Datasheet HTML 12Page - AMI SEMICONDUCTOR AMIS-749803 Datasheet HTML 13Page - AMI SEMICONDUCTOR AMIS-749803 Datasheet HTML 14Page - AMI SEMICONDUCTOR AMIS-749803 Datasheet HTML 15Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AMIS–749803: (I
2C) Ambient Light Sensor
Data Sheet
9.1 Rise and Fall Time of I2CDATA (output)
9.1.1. Rise Time (tr)
CL = 15pF
tr = 11.3nS
Figure 14: Rise Time (tr)
9.1.2. Fall Time (tf)
CL = 15pF
tf = 0.16nS
Figure 15: Fall Time (tf)
11
AMI Semiconductor – July 2006, M-20599-001
www.amis.com


Similar Part No. - AMIS-749803

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
More results

Similar Description - AMIS-749803

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor
logo
Everlight Electronics C...
ALS-PDIC17-57B-TR8 EVERLIGHT-ALS-PDIC17-57B-TR8 Datasheet
603Kb / 19P
   Surface - Mount I2C Digital Ambient Light Sensor
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
logo
Vishay Siliconix
VEML3235 VISHAY-VEML3235 Datasheet
236Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com