Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-720658 Datasheet(PDF) 10 Page - AMI SEMICONDUCTOR

Part # AMIS-720658
Description  Contact Image Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-720658 Datasheet(HTML) 10 Page - AMI SEMICONDUCTOR

Back Button AMIS-720658 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-720658 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-720658 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-720658 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-720658 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-720658 Datasheet HTML 11Page - AMI SEMICONDUCTOR AMIS-720658 Datasheet HTML 12Page - AMI SEMICONDUCTOR AMIS-720658 Datasheet HTML 13Page - AMI SEMICONDUCTOR AMIS-720658 Datasheet HTML 14Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AMIS-720658: Contact Image Sensor
Data Sheet
Figures 6 and 7 detail the timing of the CLK, GBST, Vout, and SI/SO signals in further detail, which have the same timing requirements
for both the 600 and 300dpi modes. The rise and fall times are listed in Table 5. In Figure 7, note that Pixel 83 is the first active pixel,
as the first 82 pixels are dummy pixels.
GBST
CLK
GBSTft
GBSTrt
Tset
Thold
CLKpw
CLKpw
CLKrt
CLKp
CLKft
VOUT
SI/SO
SI/SOrt
SI/SOft
50%
50%
Figure 6: Rise and Fall Times for both the 600/300dpi Modes
1
3
2
3
2
Thold
Thold
Tset
Tset
CLK
GBST
Video Signal (Vout)
82
83
84
85
82
83
84
85
1
Figure 7: Timing of GBST-to-first Pixel of the First Sensor for both the 600/300dpi Modes
10
AMI Semiconductor
– Jul 06, M-20503-007
www.amis.com


Similar Part No. - AMIS-720658

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-720639 AMI-AMIS-720639 Datasheet
358Kb / 10P
   600dpi CIS Sensor Chip
AMIS-720649 AMI-AMIS-720649 Datasheet
345Kb / 10P
   Contact Image Sensor
More results

Similar Description - AMIS-720658

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
   Contact Image Sensor
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
   Contact Image Sensor
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720649 AMI-AMIS-720649 Datasheet
345Kb / 10P
   Contact Image Sensor
AMIS-722402 AMI-AMIS-722402 Datasheet
740Kb / 15P
   Contact Image Sensor
PI6049A AMI-PI6049A Datasheet
977Kb / 13P
   Contact Image Sensor
PI6050D AMI-PI6050D Datasheet
1Mb / 15P
   Contact Image Sensor
AMIS-720442 AMI-AMIS-720442 Datasheet
493Kb / 16P
   400dpi Contact Image Sensor
logo
Mitsubishi Electric Sem...
UA2B200AX MITSUBISHI-UA2B200AX Datasheet
93Kb / 6P
   Contact Type Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com