Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-720442 Datasheet(PDF) 11 Page - AMI SEMICONDUCTOR

Part # AMIS-720442
Description  400dpi Contact Image Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-720442 Datasheet(HTML) 11 Page - AMI SEMICONDUCTOR

Back Button AMIS-720442 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 11Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 12Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 13Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 14Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 15Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AMIS-720442-A: 400dpi Contact Image Sensor
Data Sheet
Table 4: Electro-Optical Characteristics at High Frequency
Red 660 LED Bar, A6 PCB in A6 Module Housing, at 5.0MHz Clock
Parameters
Symbols
Typical
Units
Remarks
Line scanning rate
Tint
(1)
334
µs/line
13 die in the scan, see Note 1 (bottom of Table 6)
Clock frequency
Fclk
(2)
5
MHz
Output voltage
Vpavg
(3)
0.5
V
Amplifier gain = 1.0, see Note 3
Output voltage non-uniformity
Up
(4)
± 20
%
LED bar non-unif
y, see Note 4
ormit
Dark output voltage
Vd
(5)
<180
mV
Dark output non-uniformity
Ud
(6)
<80
mV
Adjacent pixel non-uniformity
Upadj
(7)
<20
%
LED bar input voltage
VLED
(8)
5.0
V
LED power varies
y, see Note 8
greatl
LED bar Input current
ILED
(8)
90
mA
LED power varies
y, see Note 8
greatl
Table 5: Electro-Optical Characteristics at High Frequency
Y-G LED Bar, A6 PCB in A6 Module Housing, at 2.0MHz Clock
Parameters
Symbols
Typical
Units
Remarks
Line scanning rate
Tint
(1)
835
µs/line
13 die in the scan, see Note 1 (bottom of Table 6)
Clock frequency
Fclk
(2)
2
MHz
Output voltage
Vpavg
(3)
0.4
V
Amplifier gain = 1.0, see Note 3
Output voltage non-uniformity
Up
(4)
± 20
%
LED bar non-unif
y, see Note 4
ormit
Dark output voltage
Vd
(5)
<15
mV
Dark output non-uniformity
Ud
(6)
<15
mV
Adjacent pixel non-uniformity
Upadj
(7)
<20
%
LED bar input voltage
VLED
(8)
5.0
V
LED power varies
y, see Note 8
greatl
LED bar input current
ILED
(8)
380
mA
LED power varies
y, see Note 8
greatl
Table 6: Electro-Optical Characteristics at High Frequency
Y-G LED Bar, A6 PCB in A6 Module Housing, at 5.0MHz Clock
Parameters
Symbols
Typical
Units
Remarks
Line scanning rate
Tint
(1)
334
µs/line
13 die in the scan, see Note 1 (bottom of Table 6)
Clock frequency
Fclk
(2)
5
MHz
Output voltage
Vpavg
(3)
0.2
V
Amplifier gain = 1.0, see Note 3
Output voltage non-uniformity
Up
(4)
± 25
%
LED bar non-unif
y, see Note 4
ormit
Dark output voltage
Vd
(5)
<160
mV
Dark output non-uniformity
Ud
(6)
<60
mV
Adjacent pixel non-uniformity
Upadj
(7)
<20
%
LED bar input voltage
VLED
(8)
5.0
V
LED power varies
y, see Note 8
greatl
LED bar input current
ILED
(8)
380
mA
LED power varies
y, see Note 8
greatl
Notes:
(1)
Note 1 under
integration time
Table 2, is a valid d
cept that in the A6 modules
3 sensors sequ
k for the minimum
.
e production module) on all of CIS modules because of variations caused by the LED light sources.
(4)
sensors, or 13x128 pixels.
30%, the non-uniformities may varies as much as ± 30%. Hence the uniformities are
(5)
(6)
p
efinition, ex
has 1
entially cascaded, hence, Tint = (13X128)/Fcl
(2)
Fclk is the module’s clock, CP, frequency and is equal to the pixel rate. Also, the clock duty cycle is set to 25 percent for the 2.0MHz clock frequency and set to 50
percent for the 5.0MHz.
(3)
Vpavg =
∑Vp(n)/Npixels (average level in one line scan).
Where
Vp(n) is the amplitude of n
th pixel in one line scan of the modules. Npixels is the total number of pixels in the module, i.e., 13 die x 128 pixels. The
amplitude of Vpavg is adjusted with RIN (which installed in th
The low-cost production LED’s light power are known to vary as much as ± 30%.
Up is the uniformity specification, measured under a uniform exposing light exposure. Up = [Vp(max) - Vpavg] / Vpavg x 100% or [Vpavg - Vp(min)] / Vpavg} x
100%, whichever is greater.
Where
Vp(max) is the maximum pixel output voltage in the light.
Vp(min) is the minimum pixel output voltage in the dark.
The pixel Vp(n) is one n
th pixel in Npixels in the sensor.
In applying the Up definition, Npixels must change. It must include 13
Additionally, because the low-cost LED power variation can be high as ±
worst because of the LED bar CIS modules.
Vd =
∑Vp(n)/Npixels. Where Vp(n) is the pixels signal amplitude of the nth pixel of the sensor. Dark is where light is off, leaving the image surface unexposed.
Ud = Vdmax – Vdmin.
(7)
Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)) x 100%. Upadj is the non-uniformity in percentage. It is the amplitude difference between two neighboring pixels.
powers are widely specified, worst case as high as ± 30%, hence, the requirement for the Vpavg gain control and the wide U
(8)
The low-cost LED light
specifications.
11
AMI Semiconductor – May 06, M-20571-001
www.amis.com


Similar Part No. - AMIS-720442

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720233-B AMI-AMIS-720233-B Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720341-A AMI-AMIS-720341-A Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720639 AMI-AMIS-720639 Datasheet
358Kb / 10P
   600dpi CIS Sensor Chip
More results

Similar Description - AMIS-720442

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
   Contact Image Sensor
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
   Contact Image Sensor
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720649 AMI-AMIS-720649 Datasheet
345Kb / 10P
   Contact Image Sensor
AMIS-720658 AMI-AMIS-720658 Datasheet
636Kb / 15P
   Contact Image Sensor
AMIS-722402 AMI-AMIS-722402 Datasheet
740Kb / 15P
   Contact Image Sensor
PI6049A AMI-PI6049A Datasheet
977Kb / 13P
   Contact Image Sensor
PI6050D AMI-PI6050D Datasheet
1Mb / 15P
   Contact Image Sensor
logo
Mitsubishi Electric Sem...
UA2B200AX MITSUBISHI-UA2B200AX Datasheet
93Kb / 6P
   Contact Type Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com