Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-720233 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-720233
Description  Contact Image Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-720233 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-720233 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-720233 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-720233 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-720233 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-720233 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-720233 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-720233 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-720233 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-720233 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AMIS-720233-B: Contact Image Sensor
Data Sheet
3.0 Wafer Scribe Lines
Figure 3 shows the wafer scribe lines bordering the AMIS-720233-B sensor chip. The wafer thickness is 350µm.
Figure 3: Wafer Scribe Lines
3
AMI Semiconductor –May 06, M-20567-001
www.amis.com


Similar Part No. - AMIS-720233

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720341-A AMI-AMIS-720341-A Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720442 AMI-AMIS-720442 Datasheet
493Kb / 16P
   400dpi Contact Image Sensor
AMIS-720442-A AMI-AMIS-720442-A Datasheet
493Kb / 16P
   400dpi Contact Image Sensor
AMIS-720639 AMI-AMIS-720639 Datasheet
358Kb / 10P
   600dpi CIS Sensor Chip
More results

Similar Description - AMIS-720233

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
   Contact Image Sensor
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720649 AMI-AMIS-720649 Datasheet
345Kb / 10P
   Contact Image Sensor
AMIS-720658 AMI-AMIS-720658 Datasheet
636Kb / 15P
   Contact Image Sensor
AMIS-722402 AMI-AMIS-722402 Datasheet
740Kb / 15P
   Contact Image Sensor
PI6049A AMI-PI6049A Datasheet
977Kb / 13P
   Contact Image Sensor
PI6050D AMI-PI6050D Datasheet
1Mb / 15P
   Contact Image Sensor
AMIS-720442 AMI-AMIS-720442 Datasheet
493Kb / 16P
   400dpi Contact Image Sensor
logo
Mitsubishi Electric Sem...
UA2B200AX MITSUBISHI-UA2B200AX Datasheet
93Kb / 6P
   Contact Type Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com