Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM53-007R8_LFH Datasheet(PDF) 1 Page - Bi technologies

Part # HM53-007R8_LFH
Description  High Power Low Cost Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM53-007R8_LFH Datasheet(HTML) 1 Page - Bi technologies

  HM53-007R8_LFH Datasheet HTML 1Page - Bi technologies HM53-007R8_LFH Datasheet HTML 2Page - Bi technologies HM53-007R8_LFH Datasheet HTML 3Page - Bi technologies HM53-007R8_LFH Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
24
Specifications @ 25°C / Packaging
• Insulation Resistance, Minimum
100 M
• Operating Temperature Range
-40°C to +125°C
• Ambient Temperature, Maximum
85°C
• Insulation System
Class B, 130°C
• Temperature Rise, Maximum
40°C

Electrical / Environmental
23.0 / 23.0 / 14.0
16.0 / 16.0 / 11.0
23.0 / 23.0 / 14.0
17.5 / 17.5 / 11.4
16.0 / 16.0 / 9.0
24.5 / 24.5 / 14.0
20.5 / 20.5 / 13.0
17.0 / 17.0 / 13.5
23.0 / 23.0 / 19.0
16.2 / 16.2 / 8.5
16.2 / 16.2 / 8.0
16.2 / 16.2 / 9.0
15.5 / 15.5 / 12.4
20.7 / 20.7 / 9.4
20.9 / 20.9 / 13.0
24.0 / 24.0 / 15.3
29.8 / 29.8 / 17.4
29.8 / 29.8 / 17.1
22.0 / 22.0 / 9.5
22.0 / 22.0 / 9.0
21.6 / 21.6 / 13.6
22.0 / 22.0 / 9.0
24.0 / 24.0 / 16.6
30.6 / 30.6 / 11.4
31.2 / 31.2 / 19.0
36.7 / 36.7 / 14.8
43.3 / 43.3 / 18.2
22.2 / 22.2 / 13.9
24.5 / 24.5 / 16.6
32.3 / 32.3 / 18.9
30.0 / 30.0 / 13.0
37.8 / 37.8 / 16.8
46.4 / 46.4 / 19.8
53.7 / 53.7 / 24.3
25.7 / 25.7 / 18.0
32.4 / 32.4 / 19.8
39.0 / 39.0 / 16.8
35.0 / 35.0 / 16.0
48.5 / 48.5 / 21.8
54.5 / 54.5 / 25.4
34.0 / 34.0 / 21.4
40.5 / 40.5 / 18.0
47.5 / 47.5 / 21.3
23.0 / 14.0 / 23.0
16.0 / 11.0 / 16.0
23.0 / 14.0 / 23.0
17.5 / 11.4 / 17.5
16.0 / 9.0 / 16.0
24.5 / 14.0 / 24.5
20.5 / 13.0 / 20.5
17.0 / 13.5 / 17.0
23.0 / 19.0 / 23.0
16.2 / 8.5 / 16.2
16.2 / 8.0 / 16.2
16.2 / 9.0 / 16.2
15.5 / 12.4 / 15.5
20.7 / 9.4 / 20.7
20.9 / 13.0 / 20.9
24.0 / 15.3 / 24.0
29.8 / 17.4 / 29.8
29.8 / 17.1 / 29.8
22.0 / 9.5 / 22.0
22.0 / 9.0 / 22.0
21.6 / 13.6 / 21.6
22.0 / 9.0 / 22.0
24.0 / 16.6 / 24.0
30.6 / 11.4 / 30.6
31.2 / 19.0 / 31.2
36.7 / 14.8 / 36.7
43.3 / 18.2 / 43.3
22.2 / 13.9 / 22.2
24.5 / 16.6 / 24.5
32.3 / 18.9 / 32.3
30.0 / 13.0 / 30.0
37.8 / 16.8 / 37.8
46.4 / 19.8 / 46.4
53.7 / 24.3 / 53.7
25.7 / 18.0 / 25.7
32.4 / 19.8 / 32.4
39.0 / 16.8 / 39.0
35.0 / 16.0 / 35.0
48.5 / 21.8 / 48.5
54.5 / 25.4 / 54.5
34.0 / 21.4 / 34.0
40.5 / 18.0 / 40.5
47.5 / 21.3 / 47.5
360
560
360
660
560
360
360
450
180
660
500
560
560
360
360
180
90
90
360
360
360
360
200
90
90
45
45
180
200
90
200
45
45
45
45
90
45
90
45
45
90
45
45
300
500
180
500
500
320
180
500
210
500
500
500
250
300
210
140
90
90
300
300
320
300
140
135
90
75
90
210
140
90
140
75
90
45
90
90
75
90
45
45
75
75
45
RoHS
Compliant
for
‘LF’ Models
High Power Low Cost Inductors
Inductance(1)
Rated (2)
Quantity Per Carton
Control Value
Inductance
Rated
DCR
Dimensions (mm)
(Units)
Part
µH
µH
Current
m
L / W / Ht
Number
±20%
Typ.
Adc
Max.
Vert. Mount
Hor. Mount
Mount
Mount
Vert.
Hor.
HM53-001R1_LF V or H
1.44
1.1
14.0
3.0
HM53-001R6_LF V or H
1.72
1.6
8.0
4.0
HM53-001R8_LF V or H
2.6
1.8
15.0
3.5
HM53-001R9_LF V or H
2.7
1.9
10.0
5.1
HM53-002R0_LF V or H
2.8
2.0
8.5
4.8
HM53-003R0_LF V or H
4.4
3.1
13.5
4.5
HM53-005R5_LF V or H
7.9
5.5
8.5
8.9
HM53-007R8_LF V or H
11.1
7.8
5.7
12.9
HM53-009R5_LF V or H
13.5
9.5
9.0
8.1
HM53-108R0_LF V or H
10.1
8.0
3.0
10.5
HM53-10180_LF V or H
25.3
17.9
2.0
20.5
HM53-10320_LF V or H
50.3
32.3
2.6
59.1
HM53-10650_LF V or H
104.0
65.2
2.4
108.6
HM53-10111_LF V or H
151.7
106.4
2.3
165.9
HM53-10171_LF V or H
250.9
175.2
2.2
224.2
HM53-10351_LF V or H
505.0
354.3
1.9
375.1
HM53-10531_LF V or H
754.4
529.2
2.4
468.1
HM53-10701_LF V or H 1000.4
701.4
2.1
679.4
HM53-208R0_LF V or H
10.6
8.0
6.0
8.3
HM53-20190_LF V or H
25.0
19.1
4.0
20.3
HM53-20350_LF V or H
50.0
35.0
4.9
29.1
HM53-20580_LF V or H
73.9
58.1
2.5
59.9
HM53-20710_LF V or H
101.7
70.8
4.3
48.5
HM53-20101_LF V or H
148.0
103.6
4.0
70.5
HM53-20171_LF V or H
251.1
175.4
4.2
96.0
HM53-20351_LF V or H
499.4
349.0
3.3
183.0
HM53-20521_LF V or H
749.3
521.9
3.4
225.4
HM53-306R8_LF V or H
9.7
6.8
11.1
8.3
HM53-30150_LF V or H
21.3
14.9
9.3
17.8
HM53-30350_LF V or H
49.6
34.9
9.4
21.9
HM53-30580_LF V or H
78.0
58.5
4.0
40.9
HM53-30690_LF V or H
97.2
67.9
7.5
31.0
HM53-30101_LF V or H
150.6
105.4
7.5
45.6
HM53-30181_LF V or H
254.4
178.2
8.1
48.2
HM53-407R0_LF V or H
10.0
7.0
13.5
7.9
HM53-40150_LF V or H
21.0
14.7
14.5
11.5
HM53-40360_LF V or H
52.3
36.5
10.2
18.3
HM53-40550_LF V or H
74.5
54.8
6.0
26.1
HM53-40710_LF V or H
101.4
71.1
9.1
21.2
HM53-40111_LF V or H
152.8
106.8
10.5
29.8
HM53-507R0_LF V or H
10.0
7.0
20.9
5.6
HM53-50150_LF V or H
21.2
14.8
16.0
8.2
HM53-50370_LF V or H
52.4
36.7
12.7
15.2
RoHS
Compliant


Similar Part No. - HM53-007R8_LFH

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM53-007R8_LF TTELEC-HM53-007R8_LF Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Bi technologies
HM53-007R8_LFVorH BITECH-HM53-007R8_LFVorH Datasheet
1Mb / 4P
   High Power Low Cost Inductors
More results

Similar Description - HM53-007R8_LFH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM53 ETC-HM53 Datasheet
64Kb / 5P
   High Power Low Cost Inductors
logo
TT Electronics.
HM53 TTELEC-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53_15 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Nuvotem Talema
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
   Low Cost Power Inductors
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
HM71 BITECH-HM71_15 Datasheet
648Kb / 2P
   High Performance Low Cost Surface Mount Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com