Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM51-220JLF Datasheet(PDF) 1 Page - Bi technologies

Part # HM51-220JLF
Description  Axially Leaded Miniature Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM51-220JLF Datasheet(HTML) 1 Page - Bi technologies

  HM51-220JLF Datasheet HTML 1Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
23
HM51-221KLF
220
.162
1.76
1.89
HM51-271KLF
270
.208
1.55
1.63
HM51-331KLF
330
.212
1.53
1.51
HM51-391KLF
390
.281
1.33
1.39
HM51-471KLF
470
.380
1.15
1.24
HM51-561KLF
560
.420
1.10
1.17
HM51-681KLF
680
.548
0.96
1.05
HM51-821KLF
820
.655
0.87
0.97
HM51-102KLF
1,000
.844
0.77
0.87
HM51-122KLF
1,200
1.04
0.70
0.79
HM51-152KLF
1,500
1.18
0.65
0.70
HM51-182KLF
1,800
1.56
0.57
0.64
HM51-222KLF
2,200
2.00
0.50
0.58
HM51-272KLF
2,700
2.06
0.50
0.53
HM51-332KLF
3,300
2.63
0.44
0.47
HM51-392KLF
3,900
2.75
0.43
0.43
HM51-472KLF
4,700
3.19
0.40
0.39
HM51-562KLF
5,600
3.92
0.36
0.359
HM51-682KLF
6,800
5.69
0.30
0.322
HM51-822KLF
8,200
6.32
0.28
0.293
HM51-103KLF
10,000
7.30
0.26
0.266
Outline Dimensions (Inch / mm)
Notes:
(1) Inductance is measured at 1kHz without DC current.
(2) The rated DC current is based on an approximate 20°C temperature rise.
(3) The incremental current (INCR I) is the approximate current at which the inductance will be decreased
by 5% from its initial (zero DC) value due to saturation.
Specifications @ 25°C
Inductance
DC
Rated
INCR
Part
Nominal (1)
Resistance
IDC (2)
IDC (3)
Number
µH
±10%
Amps
Amps
Inductance
DC
Rated
INCR
Part
Nominal (1)
Resistance
IDC (2)
IDC (3)
Number
µH
±10%
Amps
Amps
0.906
23.0
1.26±0.079
32.0±2.0
0.492
12.50 Max.
• Inductance Range
3.9
µH to 10,000µH
• Standard Tolerance
±10%
• Operating Temperature Range
-55C to +105°C
Axially Leaded Miniature Power Inductors
Electrical / Environmental
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10µH, “R” denotes the decimal point.
Inductance Tolerance:
J = ±5%
K = ±10%
M = ±20%
Model Series
HM51
330
K
LF
Lead Free
Packaging
Capacity = 800 Units
Standard: Boxes
RoHS
Compliant
Ordering Information
HM51-3R9KLF
3.9
.007
8.40
15.5
HM51-4R7KLF
4.7
.008
7.90
13.9
HM51-5R6KLF
5.6
.011
6.70
12.6
HM51-6R8KLF
6.8
.011
6.70
11.6
HM51-8R2KLF
8.2
.013
6.20
9.89
HM51-100KLF
10
.017
5.40
8.70
HM51-120KLF
12
.019
5.10
8.21
HM51-150KLF
15
.022
4.70
7.34
HM51-180KLF
18
.023
4.70
6.64
HM51-220KLF
22
.026
4.40
6.07
HM51-270KLF
27
.027
4.30
5.36
HM51-330KLF
33
.032
4.00
4.82
HM51-390KLF
39
.033
3.90
4.36
HM51-470KLF
47
.035
3.80
3.98
HM51-560KLF
56
.037
3.70
3.66
HM51-680KLF
68
.047
3.30
3.31
HM51-820KLF
82
.060
2.90
3.10
HM51-101KLF
100
.090
2.30
2.79
HM51-121KLF
120
.113
2.10
2.54
HM51-151KLF
150
.129
2.00
2.22
HM51-181KLF
180
.150
1.80
1.98



Similar Part No. - HM51-220JLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM51-220KLF BITECH-HM51-220KLF Datasheet
382Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
TT Electronics.
HM51-220KLF TTELEC-HM51-220KLF Datasheet
638Kb / 1P
   Axially Leaded Miniature Power Inductors
More results

Similar Description - HM51-220JLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM50 BITECH-HM50 Datasheet
253Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
TT Electronics.
HM51 TTELEC-HM51 Datasheet
638Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
Bi technologies
HM51 BITECH-HM51_15 Datasheet
382Kb / 1P
   Axially Leaded Miniature Power Inductors
HM50 BITECH-HM50_15 Datasheet
363Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
TT Electronics.
HM50 TTELEC-HM50 Datasheet
593Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
Tyco Electronics
SC308R2KT MACOM-SC308R2KT Datasheet
99Kb / 5P
   Axial Leaded Power Inductors
62403-1 MACOM-62403-1 Datasheet
110Kb / 5P
   Axial Leaded Power Inductors
SC30R22KT MACOM-SC30R22KT Datasheet
99Kb / 5P
   Axial Leaded Power Inductors
logo
Coilcraft lnc.
HCT-1-152-15L COILCRAFT-HCT-1-152-15L Datasheet
86Kb / 1P
   Self Leaded Power Inductors
logo
Golledge Electronics Lt...
UM-5 GOLLEDGE-UM-5 Datasheet
540Kb / 6P
   Miniature Leaded Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com