Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH8S64AQFC-7L Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MH8S64AQFC-7L
Description  536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH8S64AQFC-7L Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MH8S64AQFC-7L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH8S64AQFC-7L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH8S64AQFC-7L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH8S64AQFC-7L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH8S64AQFC-7L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH8S64AQFC-7L Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH8S64AQFC-7L Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH8S64AQFC-7L Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH8S64AQFC-7L Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
MH8S64AQFC -6,-6L,-7,-7L,-8,-8L
536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MITSUBISHI LSIs
(
/ 55 )
22.Sep.2000
MIT-DS-0374-0.3
MITSUBISHI
ELECTRIC
Preliminary Spec.
Some contents are subject to change without notice.
5
Serial Presence Detect Table II
31
Density of each bank on module
64MByte
10
36-61
Superset Information (may be used in future)
option
00
62
SPD Revision
63
Checksum for bytes 0-62
Check sum for -8,-8L
4D
64-71
Manufactures Jedec ID code per JEP-108E
MITSUBISHI
1CFFFFFFFFFFFFFF
72
Manufacturing location
Miyoshi,Japan
01
Tajima,Japan
02
NC,USA
03
Germany
04
73-90
Manufactures Part Number
MH8S64AQFC-8
MH8S64AQFC-8L
91-92
Revision Code
PCB revision
rrrr
93-94
Manufacturing date
year/week code
yyww
95-98
Assembly Serial Number
serial number
ssssssss
99-125
Manufacture Specific Data
option
00
126
Intetl specification frequency
100MHz
64
127
Intel specification CAS# Latency support
128+
Unused storage locations
open
00
32
Command and Address signal input setup time
33
Command and Address signal input hold time
34
Data signal input setup time
35
Data signal input hold time
rev 1.2B
12
Check sum for -7,-7L
0D
MH8S64AQFC-7
4D4838533634415146432D37202020202020
-6,-6L,-7,7L
8F
-8,8L
8D
MH8S64AQFC-7L
4D4838533634415146432D374C2020202020
4D4838533634415146432D38202020202020
4D4838533634415146432D384C2020202020
20
20
10
10
15
08
15
08
2ns
1ns
2ns
1ns
1.5ns
0.8ns
1.5ns
0.8ns
Check sum for -6,-6L
AC
MH8S64AQFC-6
MH8S64AQFC-6L
-6,-6L
-7,-7L,-8,-8L
-6,-6L
-7,-7L,-8,-8L
-6,-6L
-7,-7L,-8,-8L
-6,-6L
-7,-7L,-8,-8L
CL=2/3,AP,CK0,1
CL=3,AP,CK0,1
4D4838533634415146432D364C2020202020
4D4838533634415146432D36202020202020


Similar Part No. - MH8S64AQFC-7L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64AQFC-7L MITSUBISHI-MH8S64AQFC-7L Datasheet
670Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
More results

Similar Description - MH8S64AQFC-7L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64AQFC-7 MITSUBISHI-MH8S64AQFC-7 Datasheet
670Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BALD-6 MITSUBISHI-MH8S64BALD-6 Datasheet
572Kb / 40P
   536,870,912-BIT ( 8,388,608-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH8D64AKQC-75 MITSUBISHI-MH8D64AKQC-75 Datasheet
340Kb / 40P
   536,870,912-BIT (8,388,608-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH8S64DBKG-7 MITSUBISHI-MH8S64DBKG-7 Datasheet
688Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH4S64DBKG-7 MITSUBISHI-MH4S64DBKG-7 Datasheet
681Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKD-10 MITSUBISHI-MH8S64BBKD-10 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PHB-7 MITSUBISHI-MH16S64PHB-7 Datasheet
589Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH8S64QFC-7 MITSUBISHI-MH8S64QFC-7 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BKG-10 MITSUBISHI-MH4S64BKG-10 Datasheet
572Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PFC-7 MITSUBISHI-MH16S64PFC-7 Datasheet
583Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com