Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1560Q Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA1560Q
Description  40 W car radio high power amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1560Q Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1560Q Datasheet HTML 1Page - NXP Semiconductors TDA1560Q Datasheet HTML 2Page - NXP Semiconductors TDA1560Q Datasheet HTML 3Page - NXP Semiconductors TDA1560Q Datasheet HTML 4Page - NXP Semiconductors TDA1560Q Datasheet HTML 5Page - NXP Semiconductors TDA1560Q Datasheet HTML 6Page - NXP Semiconductors TDA1560Q Datasheet HTML 7Page - NXP Semiconductors TDA1560Q Datasheet HTML 8Page - NXP Semiconductors TDA1560Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1996 May 14
3
Philips Semiconductors
Product specification
40 W car radio high power amplifier
TDA1560Q
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
SUPPLY
SUPPLY
TEMPERATURE
SENSOR
INPUT AND
FEEDBACK
CIRCUIT
13
10
C1
C1n
INPp
INPn
Vref
CDEC
C1p
VP
9
MCD334 - 1
voltage
reference
POWER
STAGE
POWER
STAGE
58
C2
7
11
15
16
150
k
150
k
1
2
4
15 k
10 k
17
S1
MODE
GND
GND
GND
disable
disable
VP
VP
12
6
TDA1560Q
LOAD DUMP
TEMPERATURE
AND CURRENT
PROTECTION
3
14
C2n
C2p
OUT2p
OUT1n
VDIAG


Similar Part No. - TDA1560Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1561 PHILIPS-TDA1561 Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q NXP-TDA1562Q Datasheet
129Kb / 24P
   70 W high efficiency power amplifier with diagnostic facility
2003 Feb 12
More results

Similar Description - TDA1560Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
   12 W car radio power amplifier
November 1982
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
logo
STMicroelectronics
TDA7391PD STMICROELECTRONICS-TDA7391PD_11 Datasheet
243Kb / 12P
   32 W bridge car radio amplifier
TDA2003AH STMICROELECTRONICS-TDA2003AH Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003AV STMICROELECTRONICS-TDA2003AV Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA7391PD STMICROELECTRONICS-TDA7391PD_08 Datasheet
171Kb / 11P
   32 W bridge car radio amplifier
TDA2003A STMICROELECTRONICS-TDA2003A Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003LG STMICROELECTRONICS-TDA2003LG Datasheet
197Kb / 8P
   10 W car radio audio amplifier
September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com