Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM64-10100LF Datasheet(PDF) 1 Page - Bi technologies

Part # HM64-10100LF
Description  Micropower Low Profile Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM64-10100LF Datasheet(HTML) 1 Page - Bi technologies

  HM64-10100LF Datasheet HTML 1Page - Bi technologies HM64-10100LF Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
44
HM64-101R0LF
1.0
0.80
1.67
2.1
0.103
HM64-102R2LF
2.2
1.60
1.40
1.4
0.130
HM64-104R7LF
4.7
3.22
0.98
1.0
0.180
HM64-10100LF
10.0
6.96
0.67
0.68
0.240
HM64-10150LF
15.0
10.71
0.54
0.54
0.330
HM64-10220LF
22.0
15.26
0.45
0.45
0.360
HM64-10330LF
33.0
23.59
0.37
0.37
0.550
HM64-10470LF
47.0
32.48
0.31
0.31
0.850
Specifications @ 25°C
Inductance
Rated (1)
Part
@100kHz, 0.1 V RMS
DC Current
Isat (2)
DC Resistance
Number
Zero DC (µH
±20%)
with DC (µH Min.)
Amps
Amps
Ω Max.
Notes:
(1) Rated DC current is the approximate current at which inductance will be decreased by 30% from it’s initial (zero DC) value
or the DC current at which ∆T = 40°C, whichever is lower.
(2) Peak Current (Isat) for approximately 30% inductance roll-off.
Outline Dimensions (mm)
Figure 1
Recommended Solder Pad Layout
5.6
0.8
4.5
5.1 + 0.2
1.6 + 0.2
5.7 + 0.3
7.5 + 0.25
Electrical / Environmental
• Operating Temperature Range
-40°C to +125°C
Micropower Low Profile Surface Mount Inductors
Standard: Embossed Tape & Reel
Reel:
Diameter:
=
7” (177.8mm)
Capacity:
=
500 Units
Packaging

RoHS
Compliant


Similar Part No. - HM64-10100LF

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Huazhimei Semi...
HM640 HMSEMI-HM640 Datasheet
935Kb / 10P
   the silicon N-channel Enhanced VDMOSFETs
HM6408 HMSEMI-HM6408 Datasheet
1Mb / 7P
   N-Channel Enhancement Mode Power MOSFET
HM6409 HMSEMI-HM6409 Datasheet
1,013Kb / 7P
   P-Channel Enhancement Mode Power MOSFET
HM6409AE HMSEMI-HM6409AE Datasheet
344Kb / 3P
   20V P-Channel Enhancement-Mode MOSFET
More results

Similar Description - HM64-10100LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM77 ETC-HM77 Datasheet
59Kb / 4P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM65 ETC2-HM65 Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com