Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1556 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA1556
Description  2 x 22 W stereo BTL differential amplifier with speaker protection and dynamic distortion detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1556 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1556 Datasheet HTML 2Page - NXP Semiconductors TDA1556 Datasheet HTML 3Page - NXP Semiconductors TDA1556 Datasheet HTML 4Page - NXP Semiconductors TDA1556 Datasheet HTML 5Page - NXP Semiconductors TDA1556 Datasheet HTML 6Page - NXP Semiconductors TDA1556 Datasheet HTML 7Page - NXP Semiconductors TDA1556 Datasheet HTML 8Page - NXP Semiconductors TDA1556 Datasheet HTML 9Page - NXP Semiconductors TDA1556 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
July 1994
7
Philips Semiconductors
Product specification
2 x 22 W stereo BTL differential amplifier
with speaker protection and dynamic
TDA1556Q
AC CHARACTERISTICS
Vp = 14.4 V; RL = 4 Ω; f = 1 kHz; Tamb = 25 °C; unless otherwise specified
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
PO
output power
THD = 0.5%
15
17
W
THD = 10%
20
22
W
THD = 0.5%;
VP = 13.2 V
12
W
THD = 10%;
VP = 13.2 V
17
W
THD
total harmonic distortion
PO = 1 W
0.1
%
B
power bandwidth
THD = 0.5%;
PO = −1 dB; with
respect to 15 W
20 to
15000
Hz
fl
low frequency roll-off
−1 dB; note 4
25
Hz
fh
high frequency roll-off
−1 dB
20
−−
kHz
Gv
closed loop voltage gain
25
26
27
dB
SVRR
supply voltage ripple rejection
note 5
ON condition
48
−−
dB
MUTE condition
48
−−
dB
stand-by condition
80
−−
dB
Zi
input impedance
100
120
150
k
∆Zi
input impedance
note 6
4
%
Vno
noise output voltage
ON: Rs = 0 Ω; note 7
70
120
µV
ON: Rs = 10 kΩ;
note 7
100
−µV
MUTE: Rs = 10 kΩ;
notes 7 and 8
60
−µV
α
channel separation
Rs = 10 kΩ
40
−−
dB
∆Gv
channel unbalance
−−
1dB
CMRR
common mode rejection ratio
note 9
64
72
dB
THD
total harmonic distortion
IDDD = 50 µA (peak)
3.5
%


Similar Part No. - TDA1556

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1551 PHILIPS-TDA1551 Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

Similar Description - TDA1556

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1553CQ PHILIPS-TDA1553CQ Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com