Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1555 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA1555
Description  4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1555 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA1555 Datasheet HTML 3Page - NXP Semiconductors TDA1555 Datasheet HTML 4Page - NXP Semiconductors TDA1555 Datasheet HTML 5Page - NXP Semiconductors TDA1555 Datasheet HTML 6Page - NXP Semiconductors TDA1555 Datasheet HTML 7Page - NXP Semiconductors TDA1555 Datasheet HTML 8Page - NXP Semiconductors TDA1555 Datasheet HTML 9Page - NXP Semiconductors TDA1555 Datasheet HTML 10Page - NXP Semiconductors TDA1555 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
May 1992
10
Philips Semiconductors
Product specification
4 x 11 W single-ended or 2 x 22 W power
amplifier with distortion detector
TDA1555Q
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT243-1
0
5
10 mm
scale
D
L
E
A
c
A2
L 3
Q
w M
b p
1
d
D
Z
e
e
x
h
117
j
Eh
non-concave
92-11-17
95-03-11
DBS17P: plastic DIL-bent-SIL power package; 17 leads (lead length 12 mm)
SOT243-1
view B: mounting base side
m
2
e
v M
B
UNIT
A
e 1
A2
bp
cD(1)
E(1)
Z (1)
de
Dh
LL3
m
mm
17.0
15.5
4.6
4.2
0.75
0.60
0.48
0.38
24.0
23.6
20.0
19.6
10
2.54
v
0.8
12.2
11.8
1.27
e 2
5.08
2.4
1.6
Eh
6
2.00
1.45
2.1
1.8
3.4
3.1
4.3
12.4
11.0
Q
j
0.4
w
0.03
x


Similar Part No. - TDA1555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1551 PHILIPS-TDA1551 Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

Similar Description - TDA1555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8562Q PHILIPS-TDA8562Q Datasheet
123Kb / 16P
   4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
July 1994
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA1556Q PHILIPS-TDA1556Q Datasheet
64Kb / 10P
   2 x 22 W stereo BTL differential amplifier with speaker protection and dynamic distortion detector
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com