Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS40616AGA Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # AMIS40616AGA
Description  LIN Transceiver with 5V Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS40616AGA Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

Back Button AMIS40616AGA Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS40616AGA Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS40616AGA Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS40616AGA Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS40616AGA Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS40616AGA Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS40616AGA Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS40616AGA Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS40616AGA Datasheet HTML 10Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AMIS-40616
Data Sheet
LIN Transceiver with 5V Voltage Regulator
7.0 Functional Description
7.1 Overall Functional Description
LIN is a serial communication protocol that efficiently supports the control of mechatronic nodes in distributed automotive applications.
The domain is class-A multiplex buses with a single master node and a set of slave nodes.
AMIS-40616 is designed as a master or slave node for the LIN communication interface with integrated 5V voltage regulator having a
current capability up to 50mA for supplying any external components (microcontroller).
AMIS-40616 contains the LIN transmitter, LIN receiver, voltage regulator, power-on-reset (POR) circuits and thermal shutdown (TSD).
The LIN transmitter is optimized for the maximum specified transmission speed of 20kBaud with EMC performance due to reduced slew
rate of the LIN output.
The junction temperature is monitored via a thermal shutdown circuit that switches the LIN transmitter and voltage regulator off when
temperature exceeds the TSD trigger level.
AMIS-40616 has four operating states (normal mode, low slope mode, stand-by mode, and sleep mode) that are determined by the
input signals EN, WAKE, STB, and TxD.
7.2 Operating States
AMIS-40616 provides four operating states, two modes for normal operation with communication, one stand-by without communication
and one low power mode with very low current consumption. See Figure 4.
Stand-by mode
- Vcc: “on”
- LIN TX: “off”
- INH: “floating”
- Term: “current source”
- RxD: high/low
Normal mode
(normal slope)
- Vcc: “on”
- LIN TX: “on”
- INH: “high”/”floating”
- Term: 30k Ω
- RxD: LIN data
Normal mode
(low slope)
- Vcc: “on”
- LIN TX: “on”
- INH: “high”/”floating”
- Term: 30k Ω
- RxD: LIN data
Sleep mode
- Vcc: “off”
- LIN TX: “off”
- INH: “floating”
- Term: “current source”
- RxD: =VCC
EN goes from 1 to 0 while STB = 1
EN goes from 0 to 1 while TxD = 1
EN goes from 1 to 0 while STB = 0
Power up Vbb
Local wake-up
or LIN wake-up
Figure 4: State Diagram
6
AMI Semiconductor – January 2007, M-20545-001
www.amis.com


Similar Part No. - AMIS40616AGA

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS40615AGA AMI-AMIS40615AGA Datasheet
637Kb / 17P
   LIN Transceiver with 3.3V Voltage Regulator
More results

Similar Description - AMIS40616AGA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
logo
Microchip Technology
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com