Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-40615 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-40615
Description  LIN Transceiver with 3.3V Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-40615 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-40615 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AMIS-40615
Data Sheet
LIN Transceiver with 3.3V Voltage Regulator
5.0 Block Diagram
LIN
AMIS-40615
GND
RxD
V
BB
INH
Thermal
shutdown
TxD
V
CC
COMP
Slope Control
Filter
EN
POR
Band-
gap
V-reg
V
BB
V
CC
State
&
Wake-up
Control
WAKE
Osc
STB
PD20061213.1
TEST
OTP_ZAP
time-out
V
CC
V
CC
V
BB
Figure 1: Block Diagram
3
AMI Semiconductor – March 2007, M-20544-001
www.amis.com


Similar Part No. - AMIS-40615

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-40616 AMI-AMIS-40616 Datasheet
627Kb / 17P
   LIN Transceiver with 5V Voltage Regulator
More results

Similar Description - AMIS-40615

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
logo
ON Semiconductor
NCV7420 ONSEMI-NCV7420 Datasheet
235Kb / 16P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
March, 2009 ??Rev. 1
NCV7420 ONSEMI-NCV7420_15 Datasheet
238Kb / 20P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
May, 2015 ??Rev. 9
logo
Microchip Technology
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com