Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTC60HM70T3G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTC60HM70T3G
Description  Full - Bridge Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60HM70T3G Datasheet(HTML) 3 Page - Microsemi Corporation

  APTC60HM70T3G Datasheet HTML 1Page - Microsemi Corporation APTC60HM70T3G Datasheet HTML 2Page - Microsemi Corporation APTC60HM70T3G Datasheet HTML 3Page - Microsemi Corporation APTC60HM70T3G Datasheet HTML 4Page - Microsemi Corporation APTC60HM70T3G Datasheet HTML 5Page - Microsemi Corporation APTC60HM70T3G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTC60HM70T3G
www.microsemi.com
3 - 6
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case Thermal Resistance
0.50
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To heatsink
M4
2.5
4.7
N.m
Wt
Package Weight
110
g
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
B 25/85
T25 = 298.15 K
3952
K


=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
SP3 Package outline (dimensions in mm)
12
1
See application note 1901 - Mounting Instructions for SP3 Power Modules on www.microsemi.com
T: Thermistor temperature
RT: Thermistor value at T


Similar Part No. - APTC60HM70T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60HM70T3 ADPOW-APTC60HM70T3 Datasheet
338Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
More results

Similar Description - APTC60HM70T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC80H15T3G MICROSEMI-APTC80H15T3G Datasheet
315Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
APTC90H12T1G MICROSEMI-APTC90H12T1G Datasheet
211Kb / 5P
   Full - Bridge Super Junction MOSFET Power Module
APTC80H15T1G MICROSEMI-APTC80H15T1G Datasheet
328Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80H29T3 ADPOW-APTC80H29T3 Datasheet
336Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60HM24T3G MICROSEMI-APTC60HM24T3G Datasheet
236Kb / 6P
   Full bridge Super Junction MOSFET Power Module
APTC60HM45T1G MICROSEMI-APTC60HM45T1G Datasheet
321Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
APTC60HM35T3G MICROSEMI-APTC60HM35T3G Datasheet
316Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
APTC80H29T3G MICROSEMI-APTC80H29T3G Datasheet
316Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80H15T3G ADPOW-APTC80H15T3G Datasheet
339Kb / 6P
   Full - Bridge Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC90HM60T3G MICROSEMI-APTC90HM60T3G Datasheet
197Kb / 5P
   Full - Bridge Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com