Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTC60DSKM35T3G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTC60DSKM35T3G
Description  Dual buck chopper Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60DSKM35T3G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTC60DSKM35T3G Datasheet HTML 1Page - Microsemi Corporation APTC60DSKM35T3G Datasheet HTML 2Page - Microsemi Corporation APTC60DSKM35T3G Datasheet HTML 3Page - Microsemi Corporation APTC60DSKM35T3G Datasheet HTML 4Page - Microsemi Corporation APTC60DSKM35T3G Datasheet HTML 5Page - Microsemi Corporation APTC60DSKM35T3G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTC60DSKM35T3G
www.microsemi.com
2 - 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VGS = 0V,VDS = 600V
Tj = 25°C
40
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 600V
Tj = 125°C
375
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 72A
35
m
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 5.4mA
2.1
3
3.9
V
IGSS
Gate – Source Leakage Current
VGS = ±20 V, VDS = 0V
±150
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
14
Coss
Output Capacitance
5.13
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
0.42
nF
Qg
Total gate Charge
518
Qgs
Gate – Source Charge
58
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 300V
ID = 72A
222
nC
Td(on)
Turn-on Delay Time
21
Tr
Rise Time
30
Td(off)
Turn-off Delay Time
283
Tf
Fall Time
Inductive Switching @ 125°C
VGS = 15V
VBus = 400V
ID = 72A
RG = 2.5Ω
84
ns
Eon
Turn-on Switching Energy
1340
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 400V
ID = 72A, RG = 2.5Ω
1960
µJ
Eon
Turn-on Switching Energy
2192
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 400V
ID = 72A, RG = 2.5Ω
2412
µJ
Chopper diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
350
IRM
Maximum Reverse Leakage Current
VR=600V
Tj = 125°C
600
µA
IF
DC Forward Current
Tc = 80°C
80
A
Tj = 25°C
1.45
VF
Diode Forward Voltage
IF = 80A
VGE = 0V
Tj = 125°C
1.35
V
Tj = 25°C
95
trr
Reverse Recovery Time
Tj = 125°C
115
ns
Tj = 25°C
5.2
Qrr
Reverse Recovery Charge
IF = 80A
VR = 300V
di/dt =4500A/µs
Tj = 125°C
8
µC


Similar Part No. - APTC60DSKM35T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60DSKM35T3 ADPOW-APTC60DSKM35T3 Datasheet
338Kb / 6P
   Dual buck chopper Super Junction MOSFET Power Module
More results

Similar Description - APTC60DSKM35T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC80DSK29T3 ADPOW-APTC80DSK29T3 Datasheet
337Kb / 6P
   Dual buck chopper Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60DSKM45T1G MICROSEMI-APTC60DSKM45T1G Datasheet
261Kb / 7P
   Dual Buck chopper Super Junction MOSFET Power Module
APTC90DSK12T1G MICROSEMI-APTC90DSK12T1G Datasheet
230Kb / 6P
   Dual Buck chopper Super Junction MOSFET Power Module
APTC80DSK15T3G MICROSEMI-APTC80DSK15T3G Datasheet
309Kb / 6P
   Dual Buck chopper Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC60DSKM70T3 ADPOW-APTC60DSKM70T3 Datasheet
338Kb / 6P
   Dual buck chopper Super Junction MOSFET Power Module
APTC80DSK15T3 ADPOW-APTC80DSK15T3 Datasheet
336Kb / 6P
   Dual buck chopper Super Junction MOSFET Power Module
APTC60DSKM35T3 ADPOW-APTC60DSKM35T3 Datasheet
338Kb / 6P
   Dual buck chopper Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC80DSK29T3G MICROSEMI-APTC80DSK29T3G Datasheet
309Kb / 6P
   Dual Buck chopper Super Junction MOSFET Power Module
APTC60DSKM70T3G MICROSEMI-APTC60DSKM70T3G Datasheet
310Kb / 6P
   Dual buck chopper Super Junction MOSFET Power Module
APTC60DSKM24T3G MICROSEMI-APTC60DSKM24T3G Datasheet
246Kb / 7P
   Dual buck chopper Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com