Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTC60DAM18CTG Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APTC60DAM18CTG
Description  Boost chopper SiC FWD diode Super Junction MOSFET Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60DAM18CTG Datasheet(HTML) 7 Page - Microsemi Corporation

  APTC60DAM18CTG Datasheet HTML 1Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 2Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 3Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 4Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 5Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 6Page - Microsemi Corporation APTC60DAM18CTG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
APTC60DAM18CTG
www.microsemi.com
7 – 7
Typical SiC Diode Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Forward Characteristics
TJ=25°C
TJ=75°C
TJ=125°C
TJ=175°C
0
50
100
150
200
00.511.522.5
33.5
VF Forward Voltage (V)
Reverse Characteristics
TJ=25°C
TJ=75°C
TJ=125°C
TJ=175°C
0
500
1000
1500
2000
200
300
400
500
600
700
800
VR Reverse Voltage (V)
Capacitance vs.Reverse Voltage
0
1000
2000
3000
4000
1
10
100
1000
VR Reverse Voltage
“COOLMOS™ comprise a new family of transistors developed by Infineon Technologies AG. “COOLMOS” is a trademark of Infineon
Technologies AG”.
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTC60DAM18CTG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60DAM18CTG ADPOW-APTC60DAM18CTG Datasheet
338Kb / 7P
   Boost chopper SiC FWD diode Super Junction MOSFET Power Module
More results

Similar Description - APTC60DAM18CTG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60DAM18CTG ADPOW-APTC60DAM18CTG Datasheet
338Kb / 7P
   Boost chopper SiC FWD diode Super Junction MOSFET Power Module
APTM50DAM38CT ADPOW-APTM50DAM38CT Datasheet
316Kb / 7P
   Boost chopper SiC FWD diode MOSFET Power Module
logo
Microsemi Corporation
APTM50DAM38CTG MICROSEMI-APTM50DAM38CTG Datasheet
297Kb / 7P
   Boost chopper SiC FWD diode MOSFET Power Module
APTC60DDAM70CT1G MICROSEMI-APTC60DDAM70CT1G Datasheet
257Kb / 7P
   Dual boost chopper Super Junction MOSFET SiC chopper diode
APTC90DDA12CT1G MICROSEMI-APTC90DDA12CT1G Datasheet
227Kb / 6P
   Dual boost chopper Super Junction MOSFET SiC chopper diode
APT33N90JCCU2 MICROSEMI-APT33N90JCCU2 Datasheet
142Kb / 5P
   ISOTOP짰 Boost chopper Super Junction MOSFET SiC chopper diode
APTM100DA18CT1G MICROSEMI-APTM100DA18CT1G Datasheet
205Kb / 5P
   Boost chopper MOSFET SiC chopper diode Power Module
APTC90DAM60CT1G MICROSEMI-APTC90DAM60CT1G Datasheet
226Kb / 6P
   Boost chopper Super Junction MOSFET Power Module
APTC90DAM60T1G MICROSEMI-APTC90DAM60T1G Datasheet
209Kb / 5P
   Boost chopper Super Junction MOSFET Power Module
APTC80DA15T1G MICROSEMI-APTC80DA15T1G Datasheet
318Kb / 6P
   Boost chopper Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com