Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6111E017 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6111E017
Description  CMOS Voltage Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6111E017 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6111E017 Datasheet HTML 6Page - Torex Semiconductor XC6111E017 Datasheet HTML 7Page - Torex Semiconductor XC6111E017 Datasheet HTML 8Page - Torex Semiconductor XC6111E017 Datasheet HTML 9Page - Torex Semiconductor XC6111E017 Datasheet HTML 10Page - Torex Semiconductor XC6111E017 Datasheet HTML 11Page - Torex Semiconductor XC6111E017 Datasheet HTML 12Page - Torex Semiconductor XC6111E017 Datasheet HTML 13Page - Torex Semiconductor XC6111E017 Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10/26
XC6101~XC6107, XC6111~XC6117 Series
NOTE:
*1: XC6101~XC6107 (with hysteresis)
*2: XC6111~XC6117 (without hysteresis)
*3: ‘X’ represents both ‘0’ and ‘1’. (ex. XC61X1⇒XC6101 and XC6111)
*4: VDF(T): Setting detect voltage
*5: If only “VDF” is indicated, it represents both VDFL (low when detected) and VDFH (high when detected).
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Detect Voltage
VDFL
VDFH
VDF(T)
× 0.98
VDF(T)
VDF(T)
× 1.02
V
1
Hysteresis Range
XC6101~XC6107 (*1)
VHYS
VDF
× 0.02
VDF
× 0.05
VDF
× 0.08
V
1
Hysteresis Range
XC6111~XC6117 (*2)
VHYS
0
VDF
× 0.001
VDF
x 0.01
V
1
VIN=VDF(T)×0.9V
-
5
11
VIN=VDF(T)×1.1V
-
10
16
XC61X1/XC61X2/XC61X3
XC61X4/XC61X5 (*3)
(The MRB & the WD Pin:
No connection)
VIN=6.0V
-
12
18
VIN=VDF(T)×0.9V
-
4
10
VIN=VDF(T)×1.1V
-
8
14
Supply Current
ISS
XC61X6/XC61X7 (*3)
(The MRB Pin:
No connection)
VIN=6.0V
-
10
16
µA
2
Operating Voltage
VIN
1.0
-
6.0
V
1
VIN=1.0V
0.15
0.5
-
VIN=2.0V (VDFL(T)> 2.0V)
2.0
2.5
-
VIN=3.0V (VDFL(T) >3.0V)
3.0
3.5
-
N-ch.
VDS = 0.5V
VIN=4.0V (VDFL(T) >4.0V)
3.5
4.0
-
3
VDFL
Output Current
(RESETB)
IRBOUT
CMOS,
P-ch
VDS = 0.5V
VIN=6.0V
-
- 1.1
-0.8
mA
4
N-ch
VDS = 0.5V
VIN=6.0V
4.4
4.9
-
3
VIN=1.0V
-
- 0.08
- 0.02
VIN=2.0V (VDFH(T)> 2.0V)
-
- 0.50
- 0.30
VIN=3.0V (VDFH(T)>3.0V)
-
- 0.75
- 0.55
VDFH
Output Current
(RESET)
IROUT
P-ch.
VDS = 0.5V
VIN=4.0V (VDFH(T)>4.0V)
-
- 0.95
- 0.75
mA
4
Temperature
Characteristics
VDF /
Topr・VDF
-40OC < Topr < 85 OC
-
+100
-
ppm
/ OC
1
2
3.13
5
13
25
38
25
50
75
60
100
140
120
200
280
240
400
560
Release Delay Time
(VDF<1.8V)
TDR
Time until VIN is increased from
1.0V to 2.0V
and attains to the release
time level,
and the Reset output pin inverts.
960
1600
2240
ms
5
2
3.13
5
13
25
38
25
50
75
60
100
140
120
200
280
240
400
560
Release Delay Time
(VDF>1.9V)
TDR
Time until VIN is increased from
1.0V to (VDFx1.1V)
and attains to the release
time level,
and the Reset output pin inverts.
960
1600
2240
ms
5
Detect Delay Time
TDF
Time until VIN is decreased from 6.0V to
1.0V and attains to the detect voltage
level, and the Reset output pin detects
while the WD pin left opened.
-
3
30
µs
5
VDFL/VDFH
CMOS Output
Leak Current
ILEAK
VIN=6.0V, RESETB=6.0V (VDFL)
VIN=6.0V, RESET=0V (VDFH)
-
0.01
-
µA
3
VDFL N-ch Open Drain
Output
Leak Current
ILEAK
VIN=6.0V, RESETB=6.0V
-
0.01
0.10
µA
3
ELECTRICAL CHARACTERISTICS
XC6101~XC6107, XC6111~XC6117 Series
Ta = 25 OC


Similar Part No. - XC6111E017

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118 TOREX-XC6118 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08AGR-G TOREX-XC6118C08AGR-G Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08AGR-G TOREX-XC6118C08AGR-G Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08AMR-G TOREX-XC6118C08AMR-G Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results

Similar Description - XC6111E017

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
Impala Linear Corporati...
ILC5140 IMPALA-ILC5140 Datasheet
63Kb / 6P
   CMOS MULTILEVEL VOLTAGE DETECTOR
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com