Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1524A Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA1524A
Description  Stereo-tone/volume control circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1524A Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA1524A Datasheet HTML 8Page - NXP Semiconductors TDA1524A Datasheet HTML 9Page - NXP Semiconductors TDA1524A Datasheet HTML 10Page - NXP Semiconductors TDA1524A Datasheet HTML 11Page - NXP Semiconductors TDA1524A Datasheet HTML 12Page - NXP Semiconductors TDA1524A Datasheet HTML 13Page - NXP Semiconductors TDA1524A Datasheet HTML 14Page - NXP Semiconductors TDA1524A Datasheet HTML 15Page - NXP Semiconductors TDA1524A Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
September 1987
16
Philips Semiconductors
Product specification
Stereo-tone/volume control circuit
TDA1524A
SOLDERING
Introduction
There is no soldering method that is ideal for all IC
packages. Wave soldering is often preferred when
through-hole and surface mounted components are mixed
on one printed-circuit board. However, wave soldering is
not always suitable for surface mounted ICs, or for
printed-circuits with high population densities. In these
situations reflow soldering is often used.
This text gives a very brief insight to a complex technology.
A more in-depth account of soldering ICs can be found in
our
“IC Package Databook” (order code 9398 652 90011).
Soldering by dipping or by wave
The maximum permissible temperature of the solder is
260
°C; solder at this temperature must not be in contact
with the joint for more than 5 seconds. The total contact
time of successive solder waves must not exceed
5 seconds.
The device may be mounted up to the seating plane, but
the temperature of the plastic body must not exceed the
specified maximum storage temperature (Tstg max). If the
printed-circuit board has been pre-heated, forced cooling
may be necessary immediately after soldering to keep the
temperature within the permissible limit.
Repairing soldered joints
Apply a low voltage soldering iron (less than 24 V) to the
lead(s) of the package, below the seating plane or not
more than 2 mm above it. If the temperature of the
soldering iron bit is less than 300
°C it may remain in
contact for up to 10 seconds. If the bit temperature is
between 300 and 400
°C, contact may be up to 5 seconds.
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Similar Part No. - TDA1524A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1520A ETC1-TDA1520A Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520AQ ETC1-TDA1520AQ Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520B ETC-TDA1520B Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
TDA1520BQ ETC-TDA1520BQ Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
More results

Similar Description - TDA1524A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1526 PHILIPS-TDA1526 Datasheet
196Kb / 14P
   Stereo-tone/volume control circuit
May 1992
logo
Samsung semiconductor
KA2107 SAMSUNG-KA2107 Datasheet
110Kb / 5P
   DC VOLUME, TONE CONTROL CIRCUIT
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com