Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54LVT16244BWD Datasheet(PDF) 6 Page - Texas Instruments

Part # SNJ54LVT16244BWD
Description  3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54LVT16244BWD Datasheet(HTML) 6 Page - Texas Instruments

Back Button SNJ54LVT16244BWD Datasheet HTML 2Page - Texas Instruments SNJ54LVT16244BWD Datasheet HTML 3Page - Texas Instruments SNJ54LVT16244BWD Datasheet HTML 4Page - Texas Instruments SNJ54LVT16244BWD Datasheet HTML 5Page - Texas Instruments SNJ54LVT16244BWD Datasheet HTML 6Page - Texas Instruments SNJ54LVT16244BWD Datasheet HTML 7Page - Texas Instruments SNJ54LVT16244BWD Datasheet HTML 8Page - Texas Instruments SNJ54LVT16244BWD Datasheet HTML 9Page - Texas Instruments SNJ54LVT16244BWD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
Switching Characteristics
SN54LVT16244B
,, SN74LVT16244B
3.3-V ABT 16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS716E – MARCH 2000 – REVISED DECEMBER 2006
over recommended operating free-air temperature range, C
L = 50 pF (unless otherwise noted) (see Figure 1)
SN54LVT16244B(1)
SN74LVT16244B
FROM
TO
VCC = 3.3 V
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN TYP(2) MAX
MIN MAX
tPLH
1.1
4.4
4.6
1.2
2.3
3.2
3.7
A
Y
ns
tPHL
1.1
3.6
3.9
1.2
2
3.2
3.7
tPZH
1.1
4.6
5.4
1.2
2.6
4
5
OE
Y
ns
tPZL
1.1
5.4
6.2
1.2
2.7
4
5
tPHZ
1.6
5.7
6.2
2.2
3.3
4.5
5
OE
Y
ns
tPLZ
1.2
5
4.7
2
3.1
4.2
4.4
tsk(LH)
0.5
ns
tsk(HL)
0.5
(1)
Product preview
(2)
All typical values are at VCC = 3.3 V, TA = 25°C.
6
Submit Documentation Feedback


Similar Part No. - SNJ54LVT16244BWD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54LVT16244BWD TI-SNJ54LVT16244BWD Datasheet
637Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54LVT16244BWD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT16244B TI-SN54LVT16244B_08 Datasheet
637Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162240 TI-SN54LVTH162240_06 Datasheet
137Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTH16240 TI-SN74LVTH16240_07 Datasheet
224Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT16244B TI-SN54LVT16244B Datasheet
120Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16244A TI-SN54LVTH16244A Datasheet
110Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI1-SN54LVTH162241_08 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162541 TI-SN54LVTH162541 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16241 TI-SN54LVTH16241 Datasheet
125Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A Datasheet
468Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A_08 Datasheet
624Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI-SN54LVTH162241 Datasheet
114Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com