Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4414 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4414
Description  36V, Low Loss PowerPathTM Controller for Large PFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4414 Datasheet(HTML) 3 Page - Linear Technology

  LTC4414 Datasheet HTML 1Page - Linear Technology LTC4414 Datasheet HTML 2Page - Linear Technology LTC4414 Datasheet HTML 3Page - Linear Technology LTC4414 Datasheet HTML 4Page - Linear Technology LTC4414 Datasheet HTML 5Page - Linear Technology LTC4414 Datasheet HTML 6Page - Linear Technology LTC4414 Datasheet HTML 7Page - Linear Technology LTC4414 Datasheet HTML 8Page - Linear Technology LTC4414 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC4414
4414fc
The
denotes specifications which apply over the full operating
temperature range, unless otherwise noted specifications are at TA = 25°C, VIN = 12V, CTL and GND = 0V. Current into a pin is positive
and current out of a pin is negative. All voltages are referenced to GND, unless otherwise specified.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4414E is guaranteed to meet performance specifications
from 0
°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC4414I is guaranteed and tested
over the –40
° to 125° operating temperature range.
Note 3: This results in the same supply current as would be observed with
an external P-channel MOSFET connected to the LTC4414 and operating in
forward regulation.
Note 4: VIN is held at 12V and GATE is forced to 9V. SENSE is set at 12V
to measure the source current at GATE. SENSE is set at 11.9V to measure
sink current at GATE.
Note 5: V
IN is held at 12V and SENSE is stepped from 12.2V to 11.8V to
trigger the event. GATE voltage is initially VG(OFF).
Note 6: VIN is held at 12V and SENSE is stepped from 11.8V to 12.2V to
trigger the event. GATE voltage is initially internally clamped at VG(ON).
Note 7: STAT is forced to VIN – 1.5V. SENSE is set at VIN – 0.1V to
measure the off current at STAT. SENSE is set VIN + 0.1V to measure the
sink current at STAT.
Note 8: STAT is forced to 9V and VIN is held at 12V. SENSE is stepped
from 11.8V to 12.2V to measure the STAT turn-on time defined when ISTAT
reaches one half the measured IS(SNK). SENSE is stepped from 12.2V to
11.8V to measure the STAT turn-off time defined when ISTAT reaches one
half the measured IS(SNK) .
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GATE and STAT Outputs
GATE Active Forward Regulation
(Note 4)
IG(SRC)
Source Current
–25
–7
µA
IG(SNK)
Sink Current
190
500
µA
VG(ON)
GATE Clamp Voltage
Apply IGATE = 6µA, VIN = 12V,
8
9
V
VSENSE = 11.9V, Measure VIN – VGATE
VG(OFF)
GATE Off Voltage
Apply IGATE = –30µA, VIN = 12V,
0.35
0.92
V
VSENSE = 12.1V, Measure VSENSE – VGATE
tG(ON)
GATE Turn-On Time
VGS < –6V, CGATE = 17nF (Note 5)
600
µs
tG(OFF)
GATE Turn-Off Time
VGS > –1.5V, CGATE = 17nF (Note 6)
20
µs
IS(OFF)
STAT Off Current
3V
≤ VIN ≤ 36V (Note 7)
–1
0
1
µA
IS(SNK)
STAT Sink Current
12V
≤ VIN ≤ 36V (Note 7)
50
200
µA
tS(ON)
STAT Turn-On Time
(Note 8)
8
µs
tS(OFF)
STAT Turn-Off Time
(Note 8)
51
µs
CTL Input
VIL
CTL Input Low Voltage
3V
≤ VIN ≤ 36V
0.35
V
VIH
CTL Input High Voltage
3V
≤ VIN ≤ 36V
0.9
V
ICTL
CTL Input Pull-Down Current
0.35V
≤ VCTL ≤ 36V
1
3.5
5.9
µA
HCTL
CTL Hysteresis
3V
≤ VIN ≤ 36V
170
mV
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC4414

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4414 LINER-LTC4414 Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4414 LINER-LTC4414_15 Datasheet
175Kb / 12P
   36V, Low Loss PowerPath Controller for Large PFETs
More results

Similar Description - LTC4414

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4414 LINER-LTC4414_15 Datasheet
175Kb / 12P
   36V, Low Loss PowerPath Controller for Large PFETs
LTC4416-1 LINER-LTC4416-1_15 Datasheet
256Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416 LINER-LTC4416_15 Datasheet
256Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416EMS LINER-LTC4416EMS Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416 LINER-LTC4416 Datasheet
209Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4412HV LINER-LTC4412HV Datasheet
177Kb / 12P
   36V, Low Loss PowerPathTM Controller in ThinSOT
LTC4412 LINER-LTC4412 Datasheet
156Kb / 12P
   Low Loss PowerPathTM Controller in ThinSOT
LTC4412HV LINER-LTC4412HV_15 Datasheet
182Kb / 12P
   36V, Low Loss PowerPath Controller in ThinSOT
LTC2952 LINER-LTC2952_1 Datasheet
313Kb / 30P
   Pushbutton PowerPathTM Controller with Supervisor
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
   Push Button PowerPathTM Controller with Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com