Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4414 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4414
Description  36V, Low Loss PowerPathTM Controller for Large PFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4414 Datasheet(HTML) 1 Page - Linear Technology

  LTC4414 Datasheet HTML 1Page - Linear Technology LTC4414 Datasheet HTML 2Page - Linear Technology LTC4414 Datasheet HTML 3Page - Linear Technology LTC4414 Datasheet HTML 4Page - Linear Technology LTC4414 Datasheet HTML 5Page - Linear Technology LTC4414 Datasheet HTML 6Page - Linear Technology LTC4414 Datasheet HTML 7Page - Linear Technology LTC4414 Datasheet HTML 8Page - Linear Technology LTC4414 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC4414
4414fc
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
PowerPath and ThinSOT are trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
FORWARD VOLTAGE (V)
0.02
0
8.0
3.6
CONSTANT
RON
4414 TA01b
0.5
CONSTANT
VOLTAGE
SCHOTTKY
DIODE
LTC4414
VIN
GND
CTL
NC
SENSE
GATE
STAT
NC
LTC4414
COUT
TO LOAD
STATUS OUTPUT
LOW WHEN POWER
SUPPLY PRESENT
470k
4414 TA01
VCC
UPS840
SUP75P03_07
BATTERY
CELL(S)
POWER
SUPPLY
INPUT
Automatic Switchover of Load Between a Battery and a Power Supply
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
36V, Low Loss PowerPath
TM
Controller for Large PFETs
Designed Specifically to Drive Large QG PFETs
Very Low Loss Replacement for Power Supply
OR’ing Diodes
3.5V to 36V AC/DC Adapter Voltage Range
Minimal External Components
Automatic Switching Between DC Sources
Low Quiescent Current: 30
µA
3V to 36V Battery Voltage Range
Limited Reverse Battery Protection
MOSFET Gate Protection Clamp
Manual Control Input
Space Saving 8-Lead MSOP Package
High Current Power Path Switch
Industrial and Automotive Applications
Uninterruptable Power Supplies
Logic Controlled Power Switch
Battery Backup Systems
Emergency Systems with Battery Backups
The LTC
®4414 controls an external P-channel MOSFET to
create a near ideal diode function for power switchover.
This permits highly efficient OR’ing of multiple power
sources for extended battery life and low self- heating. When
conducting, the voltage drop across the MOSFET is typi-
cally 20mV. For applications with a wall adapter or other aux-
iliary power source, the load is automatically disconnected
from the battery when the auxiliary source is connected.
Two or more LTC4414s may be interconnected to allow
switchover between multiple batteries or charging of mul-
tiple batteries from a single charger.
The wide supply operating range supports operation from
one to eight Li-Ion cells in series. The low quiescent
current (30
µA typical) is independent of the load current.
The gate driver includes an internal voltage clamp for
MOSFET protection.
The STAT pin can be used to enable an auxiliary P-channel
MOSFET power switch when an auxiliary supply is
detected. This pin may also be used to indicate to a micro-
controller that an auxiliary supply is connected. The con-
trol (CTL) input enables the user to force the primary
MOSFET off and the STAT pin low.
The LTC4414 is available in a low profile 8-lead MSOP
package.
LTC4414 vs Schottky Diode Forward Voltage Drop


Similar Part No. - LTC4414

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4414 LINER-LTC4414 Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4414 LINER-LTC4414_15 Datasheet
175Kb / 12P
   36V, Low Loss PowerPath Controller for Large PFETs
More results

Similar Description - LTC4414

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4414 LINER-LTC4414_15 Datasheet
175Kb / 12P
   36V, Low Loss PowerPath Controller for Large PFETs
LTC4416-1 LINER-LTC4416-1_15 Datasheet
256Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416 LINER-LTC4416_15 Datasheet
256Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416EMS LINER-LTC4416EMS Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416 LINER-LTC4416 Datasheet
209Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4412HV LINER-LTC4412HV Datasheet
177Kb / 12P
   36V, Low Loss PowerPathTM Controller in ThinSOT
LTC4412 LINER-LTC4412 Datasheet
156Kb / 12P
   Low Loss PowerPathTM Controller in ThinSOT
LTC4412HV LINER-LTC4412HV_15 Datasheet
182Kb / 12P
   36V, Low Loss PowerPath Controller in ThinSOT
LTC2952 LINER-LTC2952_1 Datasheet
313Kb / 30P
   Pushbutton PowerPathTM Controller with Supervisor
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
   Push Button PowerPathTM Controller with Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com